Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 10Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
7
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Table 3. Power Supply Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply currents:
Reset
IDD
VT and VR = Hi-Z , RST = 0
—
3.5
—
mA
IVBAT
—
0
—
mA
Supply currents:
High Impedance, Open
IDD
VT and VR = Hi-Z
—
23
—
mA
IVBAT
—
0.6
—
mA
Supply currents:
Forward/Reverse, On-hook
IDD
VTR =–48 V,
Automatic Power Save Mode
enabled
—
10
—
mA
IVBAT
—
0.4
—
mA
Supply currents:
Forward/Reverse, On-hook
IDD
VTR =–48 V,
Automatic Power Save Mode
disabled
—
35
—
mA
IVBAT
—
2.2
—
mA
Supply currents:
Tip/Ring Open, On-hook
IDD
VT or VR =–48 V
VR or VT = Hi-Z,
Automatic Power Save Mode
enabled
—
10
—
mA
IVBAT
—
0.4
—
mA
Supply currents:
Tip/Ring Open, On-hook
IDD
VT or VR =–48 V
VR or VT = Hi-Z,
Automatic Power Save Mode
enabled
—
35
—
mA
IVBAT
—
1.5
—
mA
Supply currents:
Forward/Reverse OHT,
On-hook
IDD
VTR =48V
—
53
—
mA
IVBAT
—
3
—
mA
Supply currents:
Forward/Reverse Active,
Off-hook
IDD
ILOOP =20mA RLOAD =200 Ω
—
54
—
mA
IVBAT
—
2.2 +
ILOOP
—
mA
Supply currents:
Ringing
IDD
VTR =55VRMS + 0 VDC,
balanced, sinusoidal, f = 20 Hz,
RLOAD = 5 REN = 1400 
—
40
—
mA
IVBAT
—
38
—
mA
Notes:
1. All specifications are for a single channel of Si3226x with a tracking flyback dc-dc converter, when both channels are
in the same operating state.
2. ILOOP is the dc current in the subscriber loop during the off-hook state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com