Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 24 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 24 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 20Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 21Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 22Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Si32260/1
24
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Figure 16. Low Cost Quasi Ćuk (LCQC) DC-DC 1
Figure 17. Low Cost Quasi Ćuk (LCQC) DC-DC 2
Route as a differential pair
VDC = 4.5V - 16V
Low Cost Quasi-Cuk
VBAT
VDC
DCDRV
SDCH
GND
SDCL
VDC
VDC
C121
0.1uF
R130
0
D123
ES1D
D121
BAV23C
Q120
FDT86244
C122
0.1uF
R122
15
C120
2.2uF
R129
0
R135
1.0
R134
1.0
C124
0.1uF
R133
1.0
C123
0.1uF
R132
1.0
R131
1.0
R128
68K
C125
0.1uF
L120
15uH
Route as a differential pair
VDC = 4.5V - 16V
Low Cost Quasi-Cuk
VBAT
VDC
DCDRV
SDCH
GND
SDCL
VDC
VDC
C221
0.1uF
R230
0
D223
ES1D
D221
BAV23C
Q220
FDT86244
C222
0.1uF
R222
15
C220
2.2uF
R229
0
R235
1.0
R234
1.0
C224
0.1uF
R233
1.0
C223
0.1uF
R232
1.0
R231
1.0
R228
68K
C225
0.1uF
L220
15uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com