Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  LCR1210-R100F Datasheet HTML 1Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 2Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Si32260/1
SINGLE-CHIP DUAL PROSLIC®
Si32260/1 Features
Applications
Description
The Si32260/1 Dual ProSLIC® devices, in a single package, implement
two complete foreign exchange station (FXS) telephony interfaces. The
Si32260/1 devices operate from a 3.3 V supply and have standard
PCM/SPI or GCI (8x8 mm package only) bus digital interfaces. A pair of
built-in dc-dc converter controllers can be used to automatically generate
the optimal battery voltage required for each line-state, optimizing
efficiency and minimizing heat generation.
The Si32260/1 devices are designed to operate not only with a tracking
battery supply for each channel for lowest power consumption, but also
with shared battery supplies, for lowest cost. When used with shared
battery supplies, the internal dc-dc controller operates in Tracking Shared
Supply (TSS) mode to deliver power consumption lower than typical fixed
voltage shared rail designs (shared supplies are not currently supported
by the 6 x 8 mm package option).
Self-testing and metallic loop testing (MLT) (e.g., GR-909) is facilitated by
the built-in DSP, monitor ADC, and test load. The devices are available
with linefeed voltage ratings of –110 V (Si32260) or –140 V (Si32261) to
support high voltage ringing, and both devices support wideband audio
for better-than-PSTN voice quality. The Si32260/1 devices are available
in a 6 x 8 mm 47-pin QFN package or an 8 x 8 mm 60-pin QFN package.
Two complete FXS channels in a single
6 x 8 mm or 8 x 8 mm package
Performs all BORSCHT functions
Ideal for short- or long-loop applications
Ultra low power consumption
Internal balanced or unbalanced ringing
Patented low power ringing
Adaptive ringing
Simplified configuration and diagnostics

Supported by ProSLIC API

GR-909 loop diagnostics

Audio diagnostics with loopback

Integrated test load
Wideband voice support
On-hook transmission
Loop or ground start operation
Smooth polarity reversal
Pulse metering
PCM and SPI bus digital interfaces with
programmable interrupts
Software-programmable parameters:

Ringing frequency, amplitude,
cadence, and waveshape

Two-wire ac impedance

Transhybrid balance

DC current loop feed (10–45 mA)

Loop closure and ring trip thresholds

Ground key detect threshold
Integrated dc-dc controllers with direct
connection to MOSFET
Three high voltage supply options

Full tracking

Tracking shared supplies

Fixed rail
DTMF generator/decoder
A-Law/µ-Law companding, linear PCM
GCI/IOM-2 mode support
3.3 V operation
Pb-free/RoHS-compliant packaging
VoIP gateways and routers
xDSL IADs
Optical Network Terminals/Units (ONT/U)
Analog Terminal Adapters (ATA)
Cable eMTA
Wireless Fixed Terminals (WFT)
Wireless Local Loop (WLL)
WiMAX CPE
Private Branch Exchange (PBX)
VoIP MDU gateways
Patents pending
Ordering Information
See page 45.
Pin Assignments
Si32260/1 8x8 mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
TIPa
N/C
GPIO2A / SRINGCa
GPIO1a / STIPCa
SRINGDCa
SRINGACa
STIPACa
STIPDCa
CAPPa
CAPMa
SVBATa
SVDC
RSTB
INTB / DTXENB
FSYNC
SDO
SDI
SVBATb
CAPMb
CAPPb
IREF
STIPDCb
STIPACb
SRINGACb
SRINGDCb
GPIO1b / STIPCb
GPIO2b / SRINGCb
VDDA
N/C
TIPb
HVPAD
GND PAD
Si32260/1 6x8 mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
HVPAD
GNDPAD
GPIO1a / STIPCa
SRINGDCa
SRINGACa
STIPACa
STIPDCa
CAPPa
CAPMa
SVBATa
SVDC
RSTB
INTB / DTXENB
FSYNC
PCLK
DTX
GPIO2A / SRINGCa
DRX
28
31
26
27
29
30
32
33
34
35
36
37
38
39
40
41
VDDREG
CSB
SCLK
SDO
SDI
SVBATb
CAPMb
CAPPb
IREF
STIPDCb
STIPACb
SRINGACb
SRINGDCb
GPIO1b / STIPCb
GPIO2b / SRINGCb
VDDA


Similar Part No. - LCR1210-R100F

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
LCR1210-R100F SKYWORKS-LCR1210-R100F Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
LCR1210-R100F SKYWORKS-LCR1210-R100F Datasheet
616Kb / 46P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
More results

Similar Description - LCR1210-R100F

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC Single-Chip FXS Solution with FXO Option
SI32260 SILABS-SI32260 Datasheet
102Kb / 3P
Single-Chip Dual ProSLIC
logo
Skyworks Solutions Inc.
SI32172 SKYWORKS-SI32172 Datasheet
616Kb / 46P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com