Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 40 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 40 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 43Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 44Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Si32260/1
40
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
30
SDI
Serial Port Data Input.
Serial port control data input.
31
SVBATb
VBAT Sense—Channel B.
Input to sense voltage on VBAT.
32
CAPMb
SLIC Stabilization Capacitor—Channel B.
Capacitor used in low pass filter.
33
CAPPb
SLIC Stabilization Capacitor—Channel B.
Capacitor used in low pass filter.
34
IREF
Current Reference Input.
Connects to an external resistor used to provide a high accuracy reference current.
35
STIPDCb
TIP DC Sense Input—Channel B.
Analog dc input to detect voltage on the channel B TIP lead.
36
STIPACb
TIP AC Sense Input—Channel B.
Analog ac input to sense voltage on the channel B TIP lead.
37
SRINGACb
RING AC Sense Input—Channel B.
Analog ac input to sense voltage on the channel B RING lead.
38
SRINGDCb
RING DC Sense Input—Channel B.
Analog dc input to sense voltage on the channel B RING lead.
39
GPIO1b/STIPCb
General Purpose I/O or TIP Coarse Sense Input—Channel B.
TIP channel A voltage sensing outside protection circuit.
40
GPIO2b/SRINGCb
General Purpose I/O or RING Coarse Sense Input—Channel B.
RING channel A Voltage sensing outside protection circuit.
41
VDDA
Analog Supply Voltage.
Analog power supply for internal analog circuitry.
42
TIPb
TIP Terminal—Channel B.
Connect to the TIP lead of the channel B subscriber loop.
43
RINGb
RING Terminal—Channel B.
Connect to the RING lead of the channel B subscriber loop.
44
VBATb
Battery Voltage Supply—Channel B.
Connect to battery supply for Channel B.
45
VBATa
Battery Voltage Supply—Channel A.
Connect to battery supply for Channel A.
46
RINGa
RING Terminal—Channel A.
Connect to the RING lead of the channel A subscriber loop.
47
TIPa
TIP Terminal—Channel A.
Connect to the TIP lead of the channel A subscriber loop.
48
HVPAD
Exposed paddle.
Connect to electrically-isolated low thermal impedance inner layer and/or backside
thermal plane using multiple thermal vias.
49
GNDPAD
Exposed paddle.
Connect to ground.
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com