Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 29 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 29 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
29
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Table 16. Low Cost Quasi Ćuk (LCQC) DC-DC Converter Bill of Materials—DC-DC
Reference
Description
Mfr Part Number
Manufacturer
C120 C220
2.2uf, 16V,20%, X7R, 0805
C0805X7R160-225M
Venkel
C121 C221
0.1uf, 25V,20%, X7R, 0603
C0603X7R250-104M
Venkel
C122 C123
C124 C125
C222 C223
C224 C225
0.1uf, 250V, 10%, X7T, 0805
C2012X7T2E104K
TDK
Corporation
D121 D221
BAV23C
BAV23C
Diodes Inc.
D123 D223
ES1D
ES1D
Diodes Inc.
L120 L220
15uH, 1.6A, 20%, shielded
NR 6028T 150M
Taiyo Yuden
Q120 Q220
FDT86244, 2.8A, 150V N-CHAN
FDT86244
Fairchild
R128 R228
68k, 1/16W, 5%, 0402
CR0402-16W-683J
Venkel
R129 R130
R229 R230
0 ohm, 1A, 0402
CR0402-16W-000
Venkel
R131 R132
R133 R134
R135 R231
R232 R233
R234 R235
1.0 ohm, 1/16W, 1%, 0402
CR0402-16W-1R00F
Venkel
R122 R222
15 ohm, 1/10W, 1%, 0805
CR0805-10W-15R0F
Venkel
Table 17. Low Cost Quasi Ćuk (LCQC) DC-DC Converter Bill of Materials—Protection
Reference
Description
Mfr Part Number
Manufacturer
C108 C208
.01uf, 200V, 10%, X7R, 0805
C0805X7R201-103K
Venkel
C150 C250
0.1uf, 250V, 10%, X7T, 0805
C2012X7T2E104K
TDK
Corporation
R150 R151
R250 R251
10 ohm, 1%, 0805
CR0805-10W-10R0F
Venkel
RT150 RT151
RT250 RT251
PTC, 3A, 250V
MF-SM013/250V
Bourns
U151 U251
TISP61089BDR
TISP61089BDR
Bourns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com