Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 31 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 31 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
31
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
5. FXS Features
5.1. DC Feed Characteristics
ProSLIC internal linefeed circuitry provides completely
programmable dc feed characteristics.
When in the active state, the ProSLIC operates in one of
three dc linefeed operating regions: a constant-voltage
region, a constant-current region, or a resistive region,
as shown in Figure 21. The constant-voltage region has
a low resistance, typically 160
. The constant-current
region approximates infinite resistance.
Figure 21. Dual ProSLIC DC Feed
Characteristics
5.2. Linefeed Operating States
The linefeed interface includes nine different register-
programmable operating states as listed in Table 18.
The Open state is the default condition in the absence
of any preloaded register settings. The device may also
automatically enter the open state in the event of a
linefeed fault condition.
5.3. Line Voltage and Current Monitoring
The ProSLIC continuously monitors the TIP, RING, and
battery voltages and currents via an on-chip ADC and
stores the resulting values in individual RAM locations.
Additionally, the loop voltage (VTIP–VRING), loop current,
and longitudinal current values are calculated based on
the TIP and RING measurements and are stored in
unique register locations for further processing. The
ADC updates all registers at a rate of 2 kHz or greater.
5.4. Power Monitoring and Power Fault
Detection
The Si32260/1 line monitoring functions are used to
continuously
protect
against
excessive
power
conditions. The Si32260/1 contains on-chip, analog
sensing diodes that turn off the device when a preset
temperature threshold is exceeded.
If the Si32260/1 detects a fault condition or overpower
condition, it automatically sets that line to the open state
and generates a "power alarm" interrupt.
The interrupt can be masked, but masking the
automatic transition to open is not recommended.
The various power alarms and linefeed faults supporting
automatic intervention are described below.
1. Total power exceeded.
2. Excessive foreign current or voltage on TIP and/or
RING.
3. Thermal shutdown event.
5.5. Thermal Overload Shutdown
If the die temperature exceeds the maximum junction
temperature threshold (TJmax) of 145 or 200 °C,
depending on the operating state, the device has the
ability to shut itself down to a low-power state without
user intervention.
ILOOP (mA)
I_RFEED
VTR(V)
I_ILIM
I_VLIM
Resistive Region
Constant V Region
V_VLIM
V_RFEED
V_ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com