Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 22 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 22 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 18Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 19Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 20Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 21Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 22Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
Si32260/1
22
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Figure 13. Flyback Protection 1
Figure 14. Flyback Protection 2
±10%
RING
TIP
RING_ext
TIP_ext
EGND
VBAT
VBAT
VBAT
U151
TISP61089BDR
U151
TISP61089BDR
K1
1
NC
3
K2
4
K2
5
K1
8
C108
0.01uF
200V
C108
0.01uF
200V
R151
10
R151
10
R150
10
R150
10
C150
0.1uF
C150
0.1uF
RF151
B0500T
RF151
B0500T
1
2
RF150
B0500T
RF150
B0500T
1
2
±10%
RING
TIP
RING_ext
TIP_ext
EGND
VBAT
VBAT
VBAT
U251
TISP61089BDR
U251
TISP61089BDR
K1
1
NC
3
K2
4
K2
5
K1
8
C208
0.01uF
200V
C208
0.01uF
200V
R251
10
R251
10
R250
10
R250
10
C250
0.1uF
C250
0.1uF
RF251
B0500T
RF251
B0500T
1
2
RF250
B0500T
RF250
B0500T
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com