Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 37 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 37 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
37
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
6. System Interfaces
6.1. SPI Control Interface
The controller interface to the Si32260/1 is a 4-wire
interface modeled after microcontroller and serial
peripheral devices. The interface consists of a clock
(SCLK), chip select (CS), serial data input (SDI), and
serial data output (SDO). In addition, the ProSLIC
devices feature a serial data through output (SDITHRU
8x8 mm package only) to support operation of up to 16
channels using a single chip select line. Each FXS port
occupies one SPI channel. The device operates with
both 8-bit and 16-bit SPI controllers.
6.2. PCM Interface and Companding
The Si32260/1 contains a flexible, programmable
interface for the transmission and reception of digital
PCM samples. PCM data transfer is controlled by the
PCM clock (PCLK) and frame sync (FSYNC) inputs as
well as the PCM Mode Select, PCM Transmit Start, and
PCM Receive Start settings.
The interface can be configured to support from 8 to
128
8-bit
time
slots
in
each
125 µs
frame,
corresponding to a PCM clock (PCLK) frequency range
of 512 kHz to 8.192 MHz. 1.544 MHz is also supported.
The Si32260/1 supports both µ-255 Law (µ-Law) and A-
law companding formats in addition to 16-bit linear data
mode with no companding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com