Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 10Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 11Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 12Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 13Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 14Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 15Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
Si32260/1
12
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Table 9. Switching Characteristics—PCM Highway Interface1
Parameter
Symbol
Test
Condition
Min2
Typ2
Max2
Unit
PCLK Period
tp
122
—
1953
ns
PCLK Jitter Tolerance
tjitter
8nsRMS
Valid PCLK Inputs3
—
—
—
—
—
—
—
—
512
768
1.024
1.536
1.544
2.048
4.096
8.192
—
—
—
—
—
—
—
—
kHz
kHz
MHz
MHz
MHz
MHz
MHz
MHz
FSYNC Period4
tfs
—125
—
µs
PCLK Duty Cycle Tolerance
tdty
40
50
60
%
FSYNC Jitter Tolerance5
tjitter
—
—
±120
ns
Rise Time, PCLK
tr
—
—
25
ns
Fall Time, PCLK
tf
—
—
25
ns
Delay Time, PCLK Rise to DTX Active
td1
—
—
20
ns
Delay Time, PCLK Rise to DTX
Transition
td2
—
—
20
ns
Delay Time, PCLK Rise to DTX Tri-
state6
td3
—
—
20
ns
Setup Time, FSYNC to PCLK Fall
tsu1
25
—
—
ns
Hold Time, FSYNC to PCLK Fall
th1
20
—
—
ns
Setup Time, DRX to PCLK Fall
tsu2
25
—
—
ns
Hold Time, DRX to PCLK Fall
th2
20
—
—
ns
FSYNC Pulse Width
twfs
tp
—
125 µs–tp
Notes:
1. Characteristics for outputs specified with CL = 20 pF.
2. All timing is referenced to the 50% level of the waveform. Input test levels are VIH – VI/O –0.4 V, VIL =0.4 V.
3. A constant PCLK and FSYNC are required.
4. FSYNC source is assumed to be 8 kHz under all operating conditions.
5. FSYNC Jitter Tolerance relative to PCLK.
6. Specification applies to PCLK fall to DTX tristate when that mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com