Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 18 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 18 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 14Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 15Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 16Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 17Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 18Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 19Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 20Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 21Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 22Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Si32260/1
18
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Table 10. Thermal Conditions
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance, Typical*
QFN-60
JA
42
°C/W
JB
19
JC
12
Thermal Resistance, Typical*
QFN-47
JA
48
°C/W
JB
22
JC
14
Maximum Junction Temperature,
QFN-60, QFN-47(Linefeed Die)
TJHV
Continuous
145
°C
Maximum Junction Temperature
QFN-60,QFN-47 (Low Voltage Die)
TJLV
125
°C
*Note:
1. The thermal resistance of an exposed pad package is assured when the recommended printed circuit board layout
guidelines are followed correctly. The specified performance requires that the exposed pad be soldered to an exposed
copper surface of at least equal size and that multiple vias are added to enable heat transfer between the top-side
copper surface and a large internal/bottom copper plane. Thermal resistance values are empirical measurements taken
from Skyworks Solutions EVBs.
2. Operation of the Si3226x above 125 °C junction temperature may degrade device reliability.
3. The Si3226x linefeed is equipped with on-chip thermal limiting circuitry that shuts down the circuit when the junction
temperature exceeds the thermal shutdown threshold. The thermal shutdown threshold should normally be set to
145 °C; when in the ringing state with cadence the thermal shutdown may be set to 200 °C. For optimal reliability, long
term operation of the Si3226x linefeed above 150 °C junction temperature should be avoided.
Table 11. Absolute Maximum Ratings1
Parameter
Symbol
Test Condition
Value
Unit
Storage Temperature Range
TSTG
–55 to 150
°C
Continuous Power Dissipation2,3
QFN-60
PD
TA =85°C
1.4
W
Continuous Power Dissipation
QFN-47
PD
TA = 85 °C
1.25
W
Supply Voltage
VDDD, VDDA
–0.5 to 4.0
V
Digital Input Voltage
VIND
–0.3 to 3.6
V
Battery Supply Voltage4, Si32260
VBAT
+0.4 to –115
V
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet.
2. Operation of the Si32260/1 low voltage die above 125 °C junction temperature may degrade device reliability.
3. Si32260/1 linefeed is equipped with on-chip thermal limiting circuitry that shuts down the circuit when the junction
temperature exceeds the thermal shutdown threshold.
4. The dv/dt of the voltage applied to the VBAT pins must be limited to 10 V/µs.
5. Specification requires circuit for surge event as shown in typical application circuit. Refer to “AN381: Si3226x ProSLIC
Designer’s Guide.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com