Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 21 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 21 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 17Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 18Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 19Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 20Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 21Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 22Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
21
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Figure 11. Flyback Tracking DC DC1
Figure 12. Flyback Tracking DC DC2
This design is optimized
for VDC=4.5V-27V
Route as a differential pair
200V
200V
200V
200V
-12V>=VBAT>=-138V
IBAT <= 100mA
Ipeak <=4.0Amps
Industrial Temp Only -40C-85C
PBAT <= 7.6W
Efficiency up to 85% depending on mode of operation.
Optional
Optional
20V-27V operation limits VBAT < 125V
VBAT
VDC
DCDRV
SDCH
GND
SDCL
VDC
VDC
C224
0.1uF
C224
0.1uF
Q220
FQT7N10L
Q220
FQT7N10L
C220
10uF
NI
C220
10uF
NI
R222
15
R222
15
R227
15
NI
R227
15
NI
R221
0.1
R221
0.1
C221
0.1uF
C221
0.1uF
D222
BAS16X
NI
D222
BAS16X
NI
D220
ES1F
D220
ES1F
R224
0
R224
0
R223
15
R223
15
C222
0.1uF
C222
0.1uF
C225
0.1uF
NI
C225
0.1uF
NI
R225
0
R225
0
C226
470pF
NI
C226
470pF
NI
T220
8uH
T220
8uH
4
5
1
8
C223
0.1uF
C223
0.1uF
D221
75V
NI
D221
75V
NI
R226
68K
R226
68K
This design is optimized
for VDC=4.5V-27V
Route as a differential pair
200V
200V
200V
200V
-12V>=VBAT>=-138V
IBAT <= 100mA
Ipeak <=4.0Amps
Industrial Temp Only -40C-85C
PBAT <= 7.6W
Efficiency up to 85% depending on mode of operation.
Optional
Optional
20V-27V operation limits VBAT < 125V
VBAT
VDC
DCDRV
SDCH
GND
SDCL
VDC
VDC
C124
0.1uF
C124
0.1uF
Q120
FQT7N10L
Q120
FQT7N10L
C120
10uF
NI
C120
10uF
NI
R122
15
R122
15
R127
15
NI
R127
15
NI
R121
0.1
R121
0.1
C121
0.1uF
C121
0.1uF
D122
BAS16X
NI
D122
BAS16X
NI
D120
ES1F
D120
ES1F
R124
0
R124
0
R123
15
R123
15
C122
0.1uF
C122
0.1uF
C125
0.1uF
NI
C125
0.1uF
NI
R125
0
R125
0
C126
470pF
NI
C126
470pF
NI
T120
8uH
T120
8uH
4
5
1
8
C123
0.1uF
C123
0.1uF
D121
75V
NI
D121
75V
NI
R126
68K
R126
68K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com