Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 27 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 27 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
27
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Table 13. Flyback Tracking DC-DC Converter Bill of Materials—DC-DC
Reference
Description
Mfr Part Number
Manufacturer
C120 C220
(NI)
CAP, 10 µF, 25 V, ±20%, X7R, 1210
C1210X7R250-106M
Venkel
C125 C225
(NI)
CAP, 0.1 µF, 200 V, ±20%, X7R, 1206
C1206X7R201-104M
Venkel
C126 C226
(NI)
CAP, 470 pF, 100 V, ±10%, X7R, 0603
C0603X7R101-471K
Venkel
D121 D221
(NI)
DIO, ZENER, 75 V, 200 mW, SOD323
BZX384C75-V
Vishay
D122 D222
(NI)
DIO, SWITCH, 200mA, 75 V, SOD523
BAS16XV2T1G
On Semi
R127 R227
(NI)
RES, 15
, 1/2W, ±5%, ThickFilm, 1210
CR1210-2W-150J
Venkel
C121 C221
CAP, 0.1 µF, 50 V, ±10%, X7R, 0603
C0603X7R500-104K
Venkel
C122 C123
C124 C222
C223 C224
CAP, 0.1 µF, 200 V, ±20%, X7R, 1206
C1206X7R201-104M
Venkel
C130
CAP, 120 µF, 63 V, ±20%, AL, 8X16MM, Low Imped-
ance
EEUFC1J121
Panasonic
D120 D220
DIO, FAST, 300V, 1A, SMA
ES1F
Fairchild
Q120 Q220
TRANSISTOR, MOSFET, N-CHNL, 2.0W Switching,
Logic Level, SOT223
FQT7N10L
Fairchild
R121 R221
RES, 0.1
, 1/2W, ±1%, ThickFilm, 1210
LCR1210-R100F
Venkel
R122 R222
RES, 15
, 1/2W, ±5%, ThickFilm, 1210
CR1210-2W-150J
Venkel
R123 R223
RES, 15
, 1/16W, ±1%, ThickFilm, 0402
CR0402-16W-15R0F
Venkel
R124 R125
R224 R225
RES, 0
, 1A, ThickFilm, 0402
CR0402-16W-000
Venkel
R126 R226
RES, 68K, 1/16W, ±5%, ThickFilm, 0402
CR0402-16W-683J
Venkel
T120 T220
TRANSFORMER, Flyback, 8.0uH Primary, 100nH
Leakage, 1:3, 1 Tap, SMT
UTB01890s
UMEC
Table 14. Flyback Tracking DC-DC Converter Bill of Materials—Protection
C108 C208
CAP, 0.01 µF, 200 V, ±10%, X7R, 0805
C0805X7R201-103K
Venkel
C150 C250
CAP, 0.1 µF, 200 V, ±20%, X7R, 1206
C1206X7R201-104M
Venkel
RF150 RF151
RF250 RF251
FUSE, 0.5A, 600 V
B0500T
Bourns
R150 R250
RES, 10
, 1/10W, ±1%, ThickFilm, 0805
CR0805-10W-10R0F
Venkel
R151 R251
RES, 10
, 1/10W, ±1%, ThickFilm, 0805
CR0805-10W-10R0F
Venkel
U151 U251
SLIC Protector
TISP61089BDR
Bourns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com