Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 26 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 26 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 22Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Si32260/1
26
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
3. Bill of Materials
Table 12. Flyback Tracking DC-DC Converter Bill of Materials—Top Level
Reference
Description
Mfr Part Number
Manufacturer
C1 (NI)
CAP, 10 µF, 6.3 V, ±20%, X5R, 0603
C0603X5R6R3-106M
Venkel
D2 (NI)
DIO, DUAL Common ANODE, 200 V, 400 mA, SOT23
BAV23A
Diodes Inc.
D155 D255
(NI)
DIO, SINGLE, 250 V, 200 mA, SOT323
BAS21HT1
On Semi
R20 (NI)
RES, 10K, 1/16W, ±5%, ThickFilm, 0402
CR0402-16W-103J
Venkel
C2 C4 C7
C100 C106
C200 C206
CAP, 0.1 µF, 10 V, ±10%, X7R, 0402
C0402X7R100-104K
Venkel
C6
CAP, 10 µF, 6.3 V, ±20%, X5R, 0603
C0603X5R6R3-106M
Venkel
C101 C102
C103 C104
C201 C202
C203 C204
CAP, 0.01 µF, 200 V, ±10%, X7R, 0805
C0805X7R201-103K
Venkel
C105 C205
CAP, 0.1 µF, 200V, ±20%, X7R, 1206
C1206X7R201-104M
Venkel
J1 J2
1 Port SMT RJ11
5555077-2
AMP
R2
RES, 49.9K, 1/16W, ±0.5%, ThickFilm, 0603
CR0603-16W-4992D
Venkel
R17
RES, 267K, 1/10W, ±1%, ThickFilm, 0805
CR0805-10W-2673F
Venkel
R19
RES, 10K, 1/16W, ±5%, ThickFilm, 0402
CR0402-16W-103J
Venkel
R60 R61 R62
R63 R64 R65
R66 R67 R68
RES, 0
, 1A, ThickFilm, 0402
CR0402-16W-000
Venkel
R100 R200
RES, 1.65M, 1/10W, ±1%, ThickFilm, 0805
CR0805-10W-1654F
Venkel
R101 R102
R201 R202
RES, 681K, 1/10W, ±1%, ThickFilm, 0805
CR0805-10W-6813F
Venkel
R103 R104
R203 R204
RES, 1K, 1/10W, ±1%, ThickFilm, 0603
CR0603-10W-1001F
Venkel
R106 R107
R206 R207
RES, 1.47M, 1/8W, ±1%, ThickFilm, 1206
CR1206-8W-1474F
Venkel
R108 R109
R208 R209
RES, 110K, 1/16W, ±1%, ThickFilm, 0402
CR0402-16W-1103F
Venkel
R155 R156
RES, 0
, 2A, ThickFilm, 0805
CR0805-10W-000
Venkel
U1
IC, Dual SLIC, Integrated Linefeed, PCM, Bat Tracking
Si32261-C-GM
Skyworks
Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com