Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 10Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 11Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 12Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 13Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Si32260/1
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Figure 1. Reset Timing Diagram
Table 6. Charge Pump Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage
(DCDRVa/b, DCFFa/b)
VCP
2xVDD – 1
—
2xVDD
V
Output Current
ICP
——
3*
mA
*Note: Peak drive current capability is >60 mA.
Table 7. Switching Characteristics—General Inputs*
Parameter
Symbol
Min
Typ
Max
Unit
RST Pulse Width
trl
33/PCLK
—
—
µs
*Note: All timing is referenced to the 50% level of the waveform. Input test levels are
VIH =VDD – 0.4 V, VIL = 0.4 V. Rise and Fall times are referenced to the 20% and 80% levels of the waveform.
PCLK
RSTB
31
30
29
28
5
43
21
1
23
45
0
28
29
30
31
Counting of PCLK
Rising Edges
Note: The count of PCLK rising edges during reset will be skewed by 1-2 clocks based on the internal sampling of reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com