Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 46 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 46 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 43Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 44Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 45Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 46Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 47Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 48Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 49Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 50Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Si32260/1
46
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Table 20. Evaluation Kit Ordering Guide
Part Number
Supported
ProSLIC
Description
VBAT
Max
Interface
Si32260CQC20SL0EVB
Si32260
Low cost quasi-Ćuk (NMOS FET/
Inductor based) full tracking dc-dc
converter EVB
–110 V*
PCM/SPI to Voice
Motherboard
Si32260CTS20SL0EVB
Si32260
Tracking Shared Supply (TSS) dc-dc
converter EVB
–100 V
PCM/SPI to Voice
Motherboard
Si32261CFB20SL0EVB
Si32260,
Si32261
Flyback (transformer based) full
tracking dc-dc converter EVB
–140 V
PCM/SPI to Voice
Motherboard
Si32261CQC20SL0EVB
Si32260,
Si32261
Quasi-Ćuk (NMOS FET/Inductor
based) full tracking dc-dc converter
EVB
–140 V
PCM/SPI to Voice
Motherboard
*Note: Supports VBAT up to –125 V with minor component substitutions (see AN381).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com