Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 57 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 57 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 51Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 52Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 53Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 54Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 55Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 56Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 57Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 58Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 59Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
57
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
12.3. Top Marking (60-Pin LGA)
12.4. Top Marking Explanation (60-Pin LGA)
13. Si3226x Support Documentation
AN381: Si3226x ProSLIC Designer's Guide
Note: Refer to www.skyworksinc.com for a current list of support documents for this product family.
Mark Method:
Laser
Font Size:
2.0 Point (28 mils)
Right-Justified
Line 1 Marking:
Device Part Number
Si32260-FM1
Line 2 Marking:
YY = Year
WW = Work Week
Assigned by the Assembly House. Corresponds
to the year and work week of the assembly
release.
TTTTTT = Mfg Code
Manufacturing Code from the Assembly Pur-
chase Order form.
Line 3 Marking:
Circle = 1.3 mm Diameter
Center-Justified
“e4” Pb-Free Symbol
Country of Origin
ISO Code Abbreviation
KR
Line 4 Marking:
Circle = 0.75 mm Diameter
Lower Left-Justified
Pin 1 Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com