Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  LCR1210-R100F Datasheet HTML 1Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 2Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
5
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
1. Electrical Specifications
Table 1. Recommended Operating Conditions1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
F-grade
0
25
70
°C
G-grade
–40
25
85
°C
Silicon Junction Temperature,
QFN-60, QFN-47
TJHV
Linefeed Die
—
—
1452
°C
Supply Voltage, Si32260/1
VDDD, VDDA
3.13
3.3
3.47
V
Battery Voltage, Si322603
VBAT
–110
—
–15
V
Battery Voltage, Si322613
VBAT
–140
—
–15
V
Notes:
1. All minimum and maximum specifications apply across the recommended operating conditions. Typical values apply at
nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
2. Except during ringing.
3. Operation at minimum voltage dependent upon loop conditions and dc-dc converter configuration.
Table 2. AC Characteristics
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Compression
2-Wire – PCM
Figure 5
—
—
Single Frequency Distortion
(0 dBm0 input)
0Hz to 4kHz
—
—
–40
dBm0
0 Hz – 12 kHz
—
—
–28
dBm0
Signal-to-(Noise + Distortion)
Ratio1
200Hz to 3.4kHz
D/A or A/D 8-bit
Active off-hook, and OHT, any ZT
Figure 4
—
—
Audio Tone Generator Signal-to-
Distortion Ratio1
0 dBm0, Active off-hook, and
OHT, any ZT
46
—
—
dB
Intermodulation Distortion
—
—
–41
dB
Gain Accuracy1
2-Wire to PCM or PCM to 2-Wire
1014 Hz, any gain setting
–0.2
—
0.2
dB
Attenuation Distortion vs. Freq.
0 dBm05
See Figure 6 and 7
Notes:
1. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
2. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
3. VDDD, VDDA =3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 , ZS = 600  synthesized using RS register
coefficients.
4. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
5. 0 dBm0 is equal to 0 dBm into 600 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com