Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 58 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 58 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 51Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 52Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 53Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 54Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 55Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 56Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 57Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 58Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 59Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
Si32260/1
58
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
DOCUMENT CHANGE LIST:
Revision 0.1 to Revision 0.2
Corrected (reversed) EPAD1 & EPAD2 in pin
assignment drawings and pin descriptions
Added table of charge pump characteristics
Added PCLK jitter tolerance
Updated flyback dc-dc converter application
schematics and BOM
Added fixed rail dc-dc converter application
schematics and BOM
Updated ordering guide to revision B
Added package top markings information
Added PCB land pattern and soldering notes
Revision 0.2 to Revision 0.3
Added Tracking Shared Supply (TSS) mode
Added thermal resistance and maximum continuous
power dissipation
Completed Table 3 with power consumption data
Changed the name of the fixed rail dc-dc application
circuit to Tracking Shared Supply (TSS)
Corrected description of wideband operation
Changed ordering information to revision C
Revision 0.3 to Revision 0.31
Corrected IDD values in Table 3. They were showing
IDD for two channels, now only one channel as
specified.
Revision 0.31 to Revision 1.0
Corrected Jitter Tolerance to be 8 nsRMS maximum.
Updated the protection schematics for the TSS dc-
dc converter application. Pins "A" of the
TISP61089BDR are now connected to GROUND,
and the pin labeled "G" (the GATE) is now connected
to VBAT.
Updated order of data sheet elements in accordance
with new style guide SOPs.
Cosmetic updates to schematics and BOMs.
Changed test load impedance to 2.2 k
 (was listed
as 5.3 k
 or 600 
Increased SDITHRU and RST maximum leakage
current to 80 µA.
Increased absolute maximum VBAT, TIP, and RING
voltages to –142 V (was –140 V).
Added absolute maximum positive voltage specs for
TIP and RING of +0.4 V.
Revision 1.0 to Revision 1.1
Added LGA package information
Revision 1.1 to Revision 1.2
Added 6x8 mm QFN/LGA-47 package option
Added theta jb and jc values (for all package sizes)
Corrected some text formatting in the Power Supply
Characteristics table and changed the off hook line
feed current condition to 20 mA for consistency with
other ProSLIC data sheets.
Renamed EPADs to be more descriptive: HVPAD
and GNDPAD.
Updated EVB part numbers and added PMOS buck
boost dual footprint EVB.
Removed reset rise time spec from Table 7.
Revision 1.2 to Revision 1.3
Corrected 6x8 mm package land pattern diagram in
section 11.1 on p.52.
Revision 1.3 to Revision 1.4
Updated EVB part numbers.
Changed RTEST (Test Load Impedance)
specification in Table 4 to replace typical value with a
range from minimum to maximum.
Removed notes specifying voltage and temperature
conditions for Tables 2 through 9.
Replaced TSS DC-DC converter reference
schematics and bill of materials with (Low Cost
Quasi-Ćuk (LCQC) reference schematics and bill of
materials.
Removed NBA Part Numbers from Ordering Guide.
Updated 6x8 LGA package dimension tolerances:
Dimension E2 NOM changed from 3.00 to 3.10, and
Max changed from 3.05 to 3.25. Dimension E3 NOM
changed from 2.05 to 2.15, and Max from 2.10 to
2.30.
Added section listing support documentation.
Removed NBA package references throughout
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com