Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 52 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 52 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 48Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 49Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 50Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 51Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 52Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 53Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 54Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 55Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 56Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
Si32260/1
52
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
11.2. Land Pattern and Solder Mask Design–QFN-60 (8x8 mm)
Dimension
mm
C1
7.90
C2
7.90
D1
7.85
D2
7.85
E0.50
f0.65
X1
0.30
X2
6.35
Y1
0.85
Y2
2.46
Y3
3.39
Y4
6.37
Notes:
General
1. All dimensions shown are in millimeters (mm).
2. This Land Pattern Design is based on the IPC-7351 guidelines.
3. All dimensions shown are at Maximum Material Condition (MMC). Least Material Condition
(LMC) is calculated based on a Fabrication Allowance of 0.05 mm.
Solder Mask Design
4. All metal pads are to be non-solder mask defined (NSMD). Clearance between the solder
mask and the metal pad is to be 60 µm minimum, all the way around the pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com