Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 30 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 30 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
30
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
4. Functional Description
Figure 20. Functional Block Diagram
The Si32260/1 dual ProSLIC devices provide all SLIC,
codec, DTMF detection, and signal generation functions
needed for two complete analog telephone interfaces.
They
perform
all
battery,
over-voltage,
ringing,
supervision, codec, hybrid, and test (BORSCHT)
functions, and also support extensive metallic loop
testing capabilities.
The Si32260/1 both provide a standard voice-band
(200 Hz–3.4 kHz) audio codec and, optionally, an audio
codec with both wideband (50 Hz–7 kHz) and standard
voiceband modes. The wideband mode provides an
expanded audio band with a 16 kHz sample rate for
enhanced audio quality while the standard voice-band
mode provides standard telephony audio bandwidth.
The Si32260/1 devices incorporate two programmable
dc-dc converter controllers that can operate in either
battery tracking mode or a shared rail mode. In both the
battery tracking and the shared rail modes the dc-dc
converter controllers react to line conditions to provide
the optimal battery voltage required for each line-state.
Multiple Si32260/1 devices can also operate from fixed
rail supplies controlled either by one of the integrated
dc-dc controllers or by an external dc-dc controller. The
Si32260/1 devices are available with voltage ratings of
–110 or –140 V to support a wide range of ringing
voltages. See Section "8. Ordering Guide‚" on page 45
for the voltage rating of each version.
Programmable on-hook voltage, programmable offhook
loop current, reverse battery operation, loop or ground
start
operation,
and
on-hook
transmission
are
supported. Loop current and voltage are continuously
monitored by an integrated monitoring ADC. The
Si32260/1 dual ProSLIC devices support balanced and
unbalanced 5 REN ringing with or without a
programmable dc offset, and can operate in low power
ringing and adaptive ringing modes. The available
offset, frequency, waveshape, and cadence options are
designed to ring the widest variety of terminal devices
and to reduce external controller requirements.
A complete audio transmit and receive path is
integrated, including ac impedance and hybrid gain.
These features are software-programmable, allowing a
single hardware design to meet global requirements.
SPI
Control
Interface
PCM/
GCI
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
DC-DC Controller
Line Diagnostics
PLL
PCLK
FSYNC
DRX
DTX
CS
SDI
SDO
SCLK
INT
RST
SPI
Control
Interface
PCM/
GCI
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
DC-DC Controllers
Line Diagnostics
PLL
PCLK
FSYNC
DRX
DTX
CS
SDI
SDO
SCLK
INT
RST
Si32260/1
DAC
RING
TIP
Channel A
CODEC
SLIC
DAC
RING
TIP
Channel B
CODEC
SLIC
ADC
ADC
Linefeed
Control
Linefeed
Monitor
Linefeed
Control
Linefeed
Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com