Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 38 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 38 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Si32260/1
38
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
7. Pin Descriptions: Si32260/1
7.1. Si32260/61 6x8 mm Package
Pin #
Pin Name
Description
1
GPIO2a/SRINGCa
General Purpose I/O or RING Coarse Sense Input—Channel A.
RING channel A Voltage sensing outside protection circuit.
2
GPIO1a/STIPCa
General Purpose I/O or TIP Coarse Sense Input—Channel A.
TIP channel A voltage sensing outside protection circuit.
3
SRINGDCa
RING DC Sense Input—Channel A.
Analog dc input to sense voltage on the channel A RING lead.
4SRINGACa
RING AC Sense Input—Channel A.
Analog ac input to sense voltage on the channel A RING lead.
5STIPACa
TIP AC Sense Input—Channel A.
Analog ac input to sense voltage on the channel A TIP lead.
6
STIPDCa
TIP DC Sense Input—Channel A.
Analog dc input to sense voltage on the channel A TIP lead.
7
CAPPa
SLIC Stabilization Capacitor—Channel A.
Capacitor used in low pass filter.
8CAPMa
SLIC Stabilization Capacitor—Channel A.
Capacitor used in low pass filter.
9
SVBATa
VBAT Sense—Channel A.
Input to sense voltage on VBAT.
10
SVDC
DC-DC Input Voltage Sensor.
Senses VDC input to dc-dc converters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
HVPAD
GNDPAD
GPIO1a / STIPCa
SRINGDCa
SRINGACa
STIPACa
STIPDCa
CAPPa
CAPMa
SVBATa
SVDC
RSTB
INTB / DTXENB
FSYNC
PCLK
DTX
GPIO2A / SRINGCa
DRX
28
31
26
27
29
30
32
33
34
35
36
37
38
39
40
41
VDDREG
CSB
SCLK
SDO
SDI
SVBATb
CAPMb
CAPPb
IREF
STIPDCb
STIPACb
SRINGACb
SRINGDCb
GPIO1b / STIPCb
GPIO2b / SRINGCb
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com