Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 19 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 19 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 15Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 16Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 17Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 18Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 19Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 20Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 21Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 22Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
19
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Battery Supply Voltage4, Si32261
VBAT
+0.4 to –142
V
TIP or RING Voltage, Si322605
VTIP, VRING
+0.4 to –130
V
TIP or RING Voltage, Si322615
VTIP, VRING
+0.4 to –142
V
TIP, RING Current
ITIP, IRING
±100
mA
Table 11. Absolute Maximum Ratings1 (Continued)
Parameter
Symbol
Test Condition
Value
Unit
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet.
2. Operation of the Si32260/1 low voltage die above 125 °C junction temperature may degrade device reliability.
3. Si32260/1 linefeed is equipped with on-chip thermal limiting circuitry that shuts down the circuit when the junction
temperature exceeds the thermal shutdown threshold.
4. The dv/dt of the voltage applied to the VBAT pins must be limited to 10 V/µs.
5. Specification requires circuit for surge event as shown in typical application circuit. Refer to “AN381: Si3226x ProSLIC
Designer’s Guide.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com