Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 43 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 43 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 43Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 44Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 45Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 46Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 47Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
43
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
30
CSB
Chip Select Input.
Active low. When inactive, SCLK and SDI are ignored and SDO is high impedance.
When active, the serial port is operational.
31
SCLK
Serial Port Bit Clock Input.
Serial port clock input. Controls the serial data on SDO and latches the data on SDI.
32
SDO
Serial Port Data Output.
Serial port control data output.
33
SDI
Serial Port Data Input.
Serial port control data input.
34
SVBATb
VBAT Sense—Channel B.
Input to sense voltage on VBAT.
35
CAPMb
SLIC Stabilization Capacitor—Channel B.
Capacitor used in low pass filter.
36
CAPPb
SLIC Stabilization Capacitor—Channel B.
Capacitor used in low pass filter.
37
IREF
Current Reference Input.
Connects to an external resistor used to provide a high accuracy reference current.
38
STIPDCb
TIP DC Sense Input—Channel B.
Analog dc input to detect voltage on the channel B TIP lead.
39
STIPACb
TIP AC Sense Input—Channel B.
Analog ac input to sense voltage on the channel B TIP lead.
40
SRINGACb
RING AC Sense Input—Channel B.
Analog ac input to sense voltage on the channel B RING lead.
41
SRINGDCb
RING DC Sense Input—Channel B.
Analog dc input to sense voltage on the channel B RING lead.
42
GPIO1b/STIPCb
General Purpose I/O or TIP Coarse Sense Input—Channel B.
TIP channel A voltage sensing outside protection circuit.
43
GPIO2b/SRINGCb
General Purpose I/O or RING Coarse Sense Input—Channel B.
RING channel A Voltage sensing outside protection circuit.
44
VDDA
Analog Supply Voltage.
Analog power supply for internal analog circuitry.
45
N/C
No Connect.
This pin should be left unconnected.
46
TIPb
TIP Terminal—Channel B.
Connect to the TIP lead of the channel B subscriber loop.
47
N/C
No Connect.
This pin should be left unconnected.
48
RINGb
RING Terminal—Channel B.
Connect to the RING lead of the channel B subscriber loop.
49
N/C
No Connect.
This pin should be left unconnected.
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com