Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 39 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 39 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 43Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
39
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
11
RSTB
Reset Input.
Active low input. Hardware reset used to place all control registers in the default
state.
12
INTB/DTXENB
Interrupt Output or Transmit PCM Data Output Enable.
Maskable interrupt output or output enable for PCM data output. Open drain output
for wire-ORed operation.
13
FSYNC
Frame Sync Clock Input.
8 kHz frame synchronization signal for the PCM bus. May be short or long pulse
format.
14
PCLK
PCM Bus Clock Input.
Clock input for PCM bus timing.
15
DTX
Transmit PCM Data Output.
Output data to PCM bus.
16
DRX
Transmit PCM Data Input.
Input data from PCM bus.
17
SDCHa
DC Monitor—Channel A.
DC-DC converter monitor input used to detect overcurrent situations.
18
SDCLa
DC Monitor—Channel A.
DC-DC converter monitor input used to detect overcurrent situations.
19
DCDRVa
DC Drive—Channel A.
DC-DC converter control signal output which drives external transistor.
20
DCFFa
DC Flexible Function—Channel A.
DC-DC controller flexible function I/O—channel A.
21
DCFFb
DC Flexible Function—Channel B.
DC-DC controller flexible function I/O—channel B.
22
DCDRVb
DC Drive—Channel B.
DC-DC converter control signal output which drives external transistor.
23
SDCLb
DC Monitor—Channel B.
DC-DC converter monitor input used to detect overcurrent situations.
24
SDCHb
DC Monitor—Channel B.
DC-DC converter monitor input used to detect overcurrent situations.
25
VDDD
IC Voltage Supply.
Digital power supply for internal digital circuitry.
26
VDDREG
Regulated Core Power Supply.
27
CSB
Chip Select Input.
Active low. When inactive, SCLK and SDI are ignored and SDO is high impedance.
When active, the serial port is operational.
28
SCLK
Serial Port Bit Clock Input.
Serial port clock input. Controls the serial data on SDO and latches the data on SDI.
29
SDO
Serial Port Data Output.
Serial port control data output.
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com