Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 44 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 44 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 43Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 44Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 45Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 46Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 47Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 48Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
Si32260/1
44
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
50
VBATb
Battery Voltage Supply—Channel B.
Connect to battery supply for Channel B.
51
N/C
No Connect.
This pin should be left unconnected.
52
BASEb
Offloading Base Control Output—Channel B.
Output to control base of power offloading transistor (fixed rail).
53
N/C
No Connect.
54
BAT_PO
Power Offloading Battery Voltage Input.
Output from fixed rail dc-dc converter.
55
BASEa
Offloading Base Control Output—Channel A.
Output to control base of power offloading transistor (fixed rail).
56
N/C
No Connect.
This pin should be left unconnected.
57
VBATa
Battery Voltage Supply—Channel A.
Connect to battery supply for Channel A.
58
N/C
No Connect.
This pin should be left unconnected.
59
RINGa
RING Terminal—Channel A.
Connect to the RING lead of the channel A subscriber loop.
60
N/C
No Connect.
This pin should be left unconnected.
61
HVPAD
Exposed paddle.
Connect to electrically-isolated low thermal impedance inner layer and/or backside
thermal plane using multiple thermal vias.
62
GNDPAD
Exposed paddle.
Connect to ground.
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com