Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 35 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 35 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
35
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
5.9. Polarity Reversal
The Si32260/1 supports polarity reversal for message
waiting and various other signaling modes. The ramp
rate can be programmed for a smooth or abrupt
transition
to
accommodate
different
application
requirements.
5.10. Two-Wire Impedance Synthesis
The ac two-wire impedance synthesis is generated on-
chip using a DSP-based scheme to optimally match the
output impedance of the Si32260/1 to the reference
impedance. Most real or complex two-wire impedances
can be generated by using the coefficient generator
software to simulate the desired line conditions and
generate the required register coefficients.
5.11. Transhybrid Balance Filter
The trans-hybrid balance function is implemented on-
chip using a DSP-based scheme to effectively cancel
the reflected receive path signal from the transmit path.
The coefficient generator software is used to optimize
the filter coefficients.
5.12. Tone Generators
The Si32260/1 includes two digital tone generators that
allow a wide variety of single- or dual-tone frequency
and amplitude combinations. Each tone generator has
its own set of registers that hold the desired frequency,
amplitude, and cadence to allow generation of DTMF
and call progress tones for different requirements. The
tones can be directed to either receive or transmit paths.
5.13. DTMF Detection
The Dual ProSLIC performs DTMF detection.
5.14. Pulse Metering
The pulse metering system for the Si32260/1Si32260/1
is designed to inject a 12 or 16 kHz billing tone into the
audio path with maximum amplitude of 0.5 VRMS at TIP
and RING into a 200
 ac load impedance. The tone is
generated in the DSP via a table lookup that guarantees
spectral purity by not allowing drift. The tone will ramp
up until it reaches a host-programmed threshold, at
which point it will maintain that level until instructed to
ramp down, thus creating a trapezoidal envelope.
See AN381 for additional details and considerations on
Pulse Metering.
5.15. DC-DC Controller
The Si3226x integrates two dc-dc controllers that can
be used to control external dc-dc converters to generate
high voltage supplies to the SLIC channels.
The integrated line feeds are designed to work with
either a single tracking high voltage input, one for each
channel, or with two high voltage supplies shared by
both channels.
In tracking mode, the VBATa and VBATb inputs are
each directly connected to the high voltage output of
two tracking dc-dc converters, one for channel A and
one for channel B. In tracking mode, the VBAT voltage
for each channel is optimized to minimize power
consumption by closely tracking the SLIC state, even
tracking the ringing waveforms (see section 2.1 for
schematics).
In shared supply mode, a single flyback dc-dc converter
generates two rails using two taps on the dc-dc
converter's transformer. External power offloading
transistors are used to lower the power dissipated inside
the Si3226x device by shunting excess power away. In
tracking shared supply (TSS) mode, in a two channel
implementation, the dc-dc converter is controlled by the
integrated dc-dc controller which allows the high voltage
and low voltage outputs from the dc-dc converter to
track the combined state of the two channels of the
Si3226x ProSLIC, including the ringing waveforms.
Using the same schematic, the TSS mode of operation
reduces system power consumption significantly when
compared to typical fixed rail shared supply designs
(see section 2.2 for schematics).
Both of the dc-dc controller outputs DCDRVa/b are
driven by an internal charge pump which allows them to
connect directly to the gate of the MOSFET switch of a
flyback (transformer based) dc-dc converter. This
connection eliminates the need for the MOSFET pre-
drive circuit that is required when VTH is greater than
VDD. See Table 7.
5.16. Wideband Audio
The Si32260/1 dual ProSLIC devices support a
software-selectable
wideband
(50 Hz–7 kHz)
and
narrowband
(200 Hz–3.4 kHz)
audio
codec. The
wideband mode provides an expanded audio band at a
16-bit, 16 kHz sample rate for enhanced audio quality
while
maintaining
standard
telephony
audio
compatibility. In wideband operation, two time slots are
used to transmit the wideband signal and each slot
contains 8-bits of the 16-bit sample. These two time
slots are transmitted and received half a frame apart,
but within the same 8 kHz frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com