Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 41 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 41 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 43Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 44Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 45Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
Si32260/1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
41
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
7.2. Si32260/61 8x8 mm Package
Pin #
Pin Name
Description
1TIPa
TIP Terminal—Channel A.
Connect to the TIP lead of the channel A subscriber loop.
2N/C
No Connect.
This pin should be left unconnected.
3
GPIO2a/SRINGCa
General Purpose I/O or RING Coarse Sense Input—Channel A.
RING channel A Voltage sensing outside protection circuit.
4
GPIO1a/STIPCa
General Purpose I/O or TIP Coarse Sense Input—Channel A.
TIP channel A voltage sensing outside protection circuit.
5
SRINGDCa
RING DC Sense Input—Channel A.
Analog dc input to sense voltage on the channel A RING lead.
6SRINGACa
RING AC Sense Input—Channel A.
Analog ac input to sense voltage on the channel A RING lead.
7STIPACa
TIP AC Sense Input—Channel A.
Analog ac input to sense voltage on the channel A TIP lead.
8
STIPDCa
TIP DC Sense Input—Channel A.
Analog dc input to sense voltage on the channel A TIP lead.
9
CAPPa
SLIC Stabilization Capacitor—Channel A.
Capacitor used in low pass filter.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
TIPa
N/C
GPIO2A / SRINGCa
GPIO1a / STIPCa
SRINGDCa
SRINGACa
STIPACa
STIPDCa
CAPPa
CAPMa
SVBATa
SVDC
RSTB
INTB / DTXENB
FSYNC
SDO
SDI
SVBATb
CAPMb
CAPPb
IREF
STIPDCb
STIPACb
SRINGACb
SRINGDCb
GPIO1b / STIPCb
GPIO2b / SRINGCb
VDDA
N/C
TIPb
HVPAD
GND PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com