Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1210-R100F Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # LCR1210-R100F
Description  SINGLE-CHIP DUAL PROSLIC®
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1210-R100F Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button LCR1210-R100F Datasheet HTML 2Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. LCR1210-R100F Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Si32260/1
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021
Group Delay vs. Frequency
See Figure 8 and 9
Gain Tracking2
1014 Hz sine wave,
reference level –10 dBm
Signal level:
3 dB to –37 dB
—
—
0.25
dB
–37 dB to –50 dB
—
—
0.5
dB
–50 dB to –60 dB
—
—
1.0
dB
Round-Trip Group Delay
1014 Hz, Within same time-slot
—
450
500
µs
2-Wire Return Loss3
200Hz to 3.4kHz
26
30
—
dB
Transhybrid Balance3
300Hz to 3.4kHz
26
30
—
dB
Noise Performance
Idle Channel Noise4
C-Message weighted
—
8
12
dBrnC
Psophometric weighted
—
–82
–78
dBmP
PSRR from VDDD, VDDA @ 3.3 V
RX and TX, 200 Hz to 3.4 kHz
—
55
—
dB
Longitudinal Performance
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200Hz to 1kHz
58
60
—
dB
1kHz to 3.4kHz
53
58
—
dB
Metallic/PCM to Longitudinal
Balance
200 Hz to 3.4 kHz
40
—
—
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at TIP or RING
—
50
—
Longitudinal Current Capability
Active off-hook 60 Hz
Reg 73 = 0x0B
—25
—
mA
Table 2. AC Characteristics (Continued)
Parameter
Test Condition
Min
Typ
Max
Unit
Notes:
1. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
2. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
3. VDDD, VDDA =3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 , ZS = 600  synthesized using RS register
coefficients.
4. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
5. 0 dBm0 is equal to 0 dBm into 600 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com