Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet (PDF) - DIWELL Electronics Co., Ltd.

CW Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # CW
Download  CW Download
File Size   262.29 Kbytes
Page   24 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 3W-6W WIDE INPUT RANGE

CW Datasheet (PDF)

Go To PDF Page Download Datasheet
CW Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # CW
Download  CW Click to download

File Size   262.29 Kbytes
Page   24 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 3W-6W WIDE INPUT RANGE

CW Datasheet (HTML) - DIWELL Electronics Co., Ltd.


CW Product details

FEATURES
 3W TO 6W DIL & SMD PACKAGE
 4.5-9V,9-18V,18-36V,36-72V,9-36V,18-72V
WIDE INPUT RANGE
 100% BURN IN
 HIGH EFFICIENCY
 UL94-V0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 RoHS COMPLIANT
 3 YEARS WARRANTY





Similar Description - CW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
DIWELL Electronics Co.,...
CMW DIWELL-CMW Datasheet
420Kb / 7P
3W-6W WIDE INPUT RANGE
2020/05/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com