Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 9 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 9 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 10Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 11Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 12Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 13Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
9
SELECTION GUIDE(8)
2:1 4W TRIPLE OUTPUT
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT
21
CURRENT
(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUT1 OUT2 OUT3 OUT1 OUT2 OUT3
FULL
LOAD
NO
LOAD
EFF
(%)
22
ISOLATION
(VDC)
CWT-0505-12
4.5-9
+5
+12V
-12V
300
100
100
1085
20
74
1500
CWT-0505-15
4.5-9
+5
+15
-15
300
80
80
1280
20
70
1500
CWT-1205-12
9-18
+5
+12V
-12V
300
100
100
406
20
80
1500
CWT-1205-15
9-18
+5
+15
-15
300
80
80
450
20
74
1500
CWT-2405-12
18-36
+5
+12V
-12V
300
100
100
200
20
81
1500
CWT-2405-15
18-36
+5
+15
-15
300
80
80
225
20
74
1500
CWT-4805-12
36-72
+5
+12V
-12V
300
100
100
114
20
73
1500
CWT-4805-15
36-72
+5
+15
-15
300
80
80
113
20
74
1500
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWT-1205-15 (T PACKAGE 4W TRIPLE OUTPUT)
21 NOMINAL INPUT VOLTAGE.
22 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com