Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 12 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 12 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 10Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 11Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 12Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 13Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 14Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 15Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
12
SELECTION GUIDE(11)
2:1 4W-6W OUTPUT 3000VDC ISOLATION
INPUT
29
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
30
ISOLATION
(VDC)
31
CWS-0505A5M-3K
4.5-9
5
800
1081
40
74
3000
CWS-1203.3A5M-3K
9-18
3.3
1200
438
40
75
3000
CWS-1205A5M-3K
9-18
5
1000
556
40
75
3000
CWS-1209A5M-3K
9-18
9
556
520
40
80
3000
CWS-1212A5M-3K
9-18
12
470
587
40
80
3000
CWS-1215A5M-3K
9-18
15
400
617
30
81
3000
CWD-1205A5M-3K
9-18
+/-5
+/-500
556
40
75
3000
CWD-1212A5M-3K
9-18
+/-12
+/-230
585
40
79
3000
CWD-1215A5M-3K
9-18
+/-15
+/-190
586
41
81
3000
CWS-2403.3A5M-3K
18-36
3.3
1200
217
20
76
3000
CWS-2405A5M-3K
18-36
5
1000
270
20
77
3000
CWS-2409A5M-3K
18-36
9
556
257
20
81
3000
CWS-2412A5M-3K
18-36
12
470
287
22
82
3000
CWS-2415A5M-3K
18-36
15
400
301
21
83
3000
CWD-2405A5M-3K
18-36
+/-5
+/-500
270
20
77
3000
CWD-2412A5M-3K
18-36
+/-12
+/-230
279
20
82
3000
CWD-2415A5M-3K
18-36
+/-15
+/-190
286
21
83
3000
CWS-4803.3A5M-3K
36-72
3.3
1200
112
10
74
3000
CWS-4805A5M-3K
36-72
5
1000
135
10
77
3000
CWS-4809A5M-3K
36-72
9
556
126
9
83
3000
CWS-4812A5M-3K
36-72
12
470
146
9
80
3000
CWS-4815A5M-3K
36-72
15
400
147
10
85
3000
CWD-4805A5M-3K
36-72
+/-5
+/-500
135
10
77
3000
CWD-4812A5M-3K
36-72
+/-12
+/-230
138
12
83
3000
CWD-4815A5M-3K
36-72
+/-15
+/-190
139
10
85
3000
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWS-1205A5M-3K (A PACKAGE 5W SINGLE OUTPUT)
CWD-2405A5M-3K (A PACKAGE 5W DUAL OUTPUT)
29 NOMINAL INPUT VOLTAGE.
30 NOMINAL INPUT VOLTAGE, FULL LOAD.
31 FOR 3 SECONDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com