Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 18 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 18 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 14Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 15Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 17Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 18Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 19Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 20Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 21Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 22Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
18
PACKAGE "P"
PIN
SINGLE
1 & 2
+Vin
23 & 24
-Vin
9 & 10
-Vout
11 & 12
+Vout
13 & 14
NC
15 & 16
NC
14
13
12
11
15
23
16
24
10
9
2
1
BOTTOM
VIEW
SIDE
VIEW
All dimensions are in mm[inches]
20.3[0.80]
31.8[1.25]
12.2[0.48]
15.24[0.60]
2.06[0.08]
3.81[0.15]
2.54[0.10]
NOTE:
Pin Size is Tolerance 0.6Φ
0.05mm
All Dimensions In mm(Inches)
Tolerance .X
or
.XX=
0.5mm
PACKAGE "T"
PIN
TRIPLE
1 & 2
-Vin
23 & 24
+Vin
9 & 16
-Vout(Out3)
10 & 15
Common
11 & 14
+5V/300mA(Out1)
12 & 13
+Vout(Out2)
14
13
12
11
15
23
16
24
10
9
2
1
BOTTOM
VIEW
SIDE
VIEW
All dimensions are in mm[inches]
20.3[0.80]
31.8[1.25]
12.2[0.48]
15.24[0.60]
2.06[0.08]
3.81[0.15]
2.54[0.10]
NOTE:
Pin Size is Tolerance 0.6Φ
0.05mm
All Dimensions In mm(Inches)
Tolerance .X
or
.XX=
0.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com