Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 21 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 21 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 17Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 18Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 19Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 20Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 21Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 22Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 23Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 24Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
21
PACKAGE
S
[SMD]
2.54mm
2.03[0.08]
1.5[0.06]
2.54[0.1]
TOP VIEW
12
11 12
13
14
21
23
24
RECOMMENDED REFLOW SOLDERING PROFILE
250
200
150
100
50
Peak.Temp 240
(10 Sec. Max.)
°C
220 C
°
60 Sec. Max.
20
(>2 °C)
Time
ec.
(s
)
0
SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PFM
CONTROLLER
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PFM
CONTROLLER
Common
SEPARATE OUTPUT
TRIPLE OUTPUT
-Vout1
+Vout1
-Vin
+Vin
ISOLATION
PFM
CONTROLLER
REFERENCE
&
ERROR AMP
-Vout2
+Vout2
REFERENCE
&
ERROR AMP
ISOLATION
+5V/300mA(Out1)
+Vin
-Vout(Out3)
Common
-Vin
+Vout(Out2)
PFM
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com