Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 19 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 19 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 15Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 17Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 18Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 19Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 20Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 21Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 22Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 23Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
19
SMD PACKAGE
SMD PACKAGE "A"
PIN
SINGLE
DUAL
1
ON/OFF
ON/OFF
2 & 3
-Vin
-Vin
4 & 5
NC
NC
9
NC
COM
10 & 12
NC
NC
11
NC
-VOUT
13 & 15
NC
NC
14
+VOUT
+VOUT
16
-VOUT
COM
20 & 21
NC
NC
22 & 23
+VIN
+VIN
1
24
5
20
9
16
12
13
BOT TOM
VIEW
20.3[0. 80]
25.4[1. 00]
0. 5[ 0.02]
1. 0[ 0.04]
All dimens ions a re i n mm[inches]
2. 0[ 0. 08]
2. 54[0. 10]
10.9[0. 43]
31.8[1. 25]
11.4[0.45]
24
NC
NC
SMD PACKAGE "B"
SMD PACKAGE "C"
PIN
SINGLE
DUAL
PIN
SINGLE
DUAL
1 & 24
+Vin
+Vin
1 & 2
+Vin
+Vin
2 & 23
NC
-Vout
3 & 4
NC
NC
3 & 22
NC
Common
5 & 9
NC
NC
4 & 21
NC
NC
10 & 11
NC
Common
5 & 20
NC
NC
12
-Vout
NC
9 & 16
NC
NC
13
+Vout
-Vout
10 & 15
-Vout
Common
14 & 16
NC
NC
11 & 14
+Vout
+Vout
15
NC
+Vout
12 & 13
-Vin
-Vin
20 & 21
NC
NC
22
NC
NC
23 & 24
-Vin
-Vin
NOTE:
All Dimensions In mm(Inches)
Pin Size is Tolerance 0.5
0.05mm
Tolerance .X
or
.XX=
0.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com