Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 10Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 11Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 12Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
8
SELECTION GUIDE(7)
2:1 or 4:1 3W DUAL SEPARATE OUTPUT
INPUT
19
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
20
ISOLATION
(VDC)
CWD-121515F3M
9-18
V1:15V
V2:15V
V1:100
V2:100
315
33
79
1500
CWD-120505F3TM
9-36
V1:5V
V2:5V
V1:300
V2:300
338
35
74
1500
CWD-121212F3TM
9-36
V1:12V
V2:12V
V1:125
V2:125
331
33
76
1500
CWD-121515F3TM
9-36
V1:15V
V2:15V
V1:100
V2:100
320
20
78
1500
CWD-122424F3TM
9-36
V1:24V
V2:24V
V1:63
V2:63
318
20
79
1500
CWD-240505F3TM
18-72
V1:5V
V2:5V
V1:300
V2:300
169
15
74
1500
CWD-241212F3M
18-36
V1:12V
V2:12V
V1:125
V2:125
156
15
80
1500
CWD-241212F3TM
18-72
V1:12V
V2:12V
V1:125
V2:125
156
15
80
1500
CWD-241515F3TM
18-72
V1:15V
V2:15V
V1:100
V2:100
156
15
80
1500
CWD-242424F3TM
18-72
V1:24V
V2:24V
V1:63
V2:63
152
15
82
1500
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWD-242424F3TM (F PACKAGE 3W DUAL OUTPUT)
19 NOMINAL INPUT VOLTAGE.
20 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com