Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 22 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 22 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 17Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 18Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 19Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 20Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 21Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 22Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 23Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 24Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
22
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
DC-DC
CONVERTER
LOAD
+Vin
-Vin
+Vout
-Vout
INPUT
OUTPUT
DC-DC
CONVERTER
LOAD1
+Vin
-Vin
+Vout
-Vout
INPUT
OUTPUT
Common
LOAD2
SEPARATE OUTPUT
TRIPLE OUTPUT
DC-DC
CONVERTER
LOAD1
+Vin
-Vin
+Vout1
-Vout2
INPUT
OUTPUT
+Vout2
LOAD2
-Vout1
Out2
Common
INPUT
Out1
LOAD3
LOAD2
+5V
LOAD1
DC-DC
CONVERTER
Out3
OUTPUT
+Vin
+Vout
-Vin
-Vout
TYPICAL PERFORMANCE CURVES
Specifications typical at Ta=25 °C, nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
0
204060
80
100
% OF RATED LOAD(%)
0%
25%
50%
75%
100%
125%
-40
-20
0
30
70
100
120
TA(degree C)
Table1 (Remote On/Off Control)
Remote On/Off Control
Parameter
Min
Max
Supply On
Under 1 VDC or Open Circuit
Supply Off
4VDC
Standby Input Current
0.2mA
Control Input Current(On)
-0.5mA
Control Input Current(Off)
5mA
Control Common
Referenced to
-Vin
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com