Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 13 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 13 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 10Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 11Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 12Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 13Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 14Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 15Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 17Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
13
SELECTION GUIDE(12)
4:1 5W OUTPUT 3000VDC ISOLATION
INPUT
32
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
33
ISOLATION
(VDC)
34
CWS-1203.3A5TM-3K
9-36
3.3
1200
470
40
70
3000
CWS-1205A5TM-3K
9-36
5
1000
550
40
76
3000
CWS-1209A5TM-3K
9-36
9
556
540
40
77
3000
CWS-1212A5TM-3K
9-36
12
417
540
20
77
3000
CWS-1215A5TM-3K
9-36
15
333
535
20
78
3000
CWD-1205A5TM-3K
9-36
+/-5
+/-500
560
40
74
3000
CWD-1212A5TM-3K
9-36
+/-12
+/-208
535
40
78
3000
CWD-1215A5TM-3K
9-36
+/-15
+/-167
536
40
78
3000
CWS-2403.3A5TM-3K
18-72
3.3
1200
230
20
72
3000
CWS-2405A5TM-3K
18-72
5
1000
270
20
77
3000
CWS-2409A5TM-3K
18-72
9
556
260
20
80
3000
CWS-2412A5TM-3K
18-72
12
417
265
20
79
3000
CWS-2415A5TM-3K
18-72
15
333
260
20
80
3000
CWD-2405A5TM-3K
18-72
+/-5
+/-500
280
20
74
3000
CWD-2412A5TM-3K
18-72
+/-12
+/-208
270
10
77
3000
CWD-2415A5TM-3K
18-72
+/-15
+/-167
260
10
80
3000
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWS-1205A5TM-3K (A PACKAGE 5W SINGLE OUTPUT)
CWD-2405A5TM-3K(A PACKAGE 5W DUAL OUTPUT)
32 NOMINAL INPUT VOLTAGE.
33 NOMINAL INPUT VOLTAGE, FULL LOAD.
34 FOR 3 SECONDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com