Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 10 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 10 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 10Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 11Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 12Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 13Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 14Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
10
SELECTION GUIDE(9)
2:1 3W OUTPUT 3000VDC ISOLATION
INPUT
23
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
24
ISOLATION
(VDC)
25
CWS-0503.3A3M-3K
4.5-9
3.3
755
683
40
73
3000
CWS-0505A3M-3K
4.5-9
5
500
684
40
73
3000
CWS-0512A3M-3K
4.5-9
12
250
789
40
76
3000
CWS-0515A3M-3K
4.5-9
15
200
789
40
76
3000
CWS-1203.3A3M-3K
9-18
3.3
700
275
18
70
3000
CWS-1205A3M-3K
9-18
5
600
338
18
74
3000
CWS-1209A3M-3K
9-18
9
330
316
18
79
3000
CWS-1212A3M-3K
9-18
12
250
313
18
80
3000
CWS-1215A3M-3K
9-18
15
200
313
18
80
3000
CWD-1205A3M-3K
9-18
+/-5
+/-300
338
18
74
3000
CWD-1212A3M-3K
9-18
+/-12
+/-125
316
18
79
3000
CWD-1215A3M-3K
9-18
+/-15
+/-100
316
18
79
3000
CWS-2403.3A3M-3K
18-36
3.3
910
163
10
77
3000
CWS-2405A3M-3K
18-36
5
600
167
10
75
3000
CWS-2409A3M-3K
18-36
9
330
158
10
79
3000
CWS-2412A3M-3K
18-36
12
250
156
10
80
3000
CWS-2415A3M-3K
18-36
15
200
156
10
80
3000
CWS-2424A3M-3K
18-36
24
125
154
10
81
3000
CWD-2405A3M-3K
18-36
+/-5
+/-300
167
10
75
3000
CWD-2412A3M-3K
18-36
+/-12
+/-125
156
10
80
3000
CWD-2415A3M-3K
18-36
+/-15
+/-100
156
25
80
3000
CWS-4803.3A3M-3K
36-72
3.3
700
69
5
72
3000
CWS-4805A3M-3K
36-72
5
600
82
5
76
3000
CWS-4809A3M-3K
36-72
9
330
79
5
79
3000
CWS-4812A3M-3K
36-72
12
250
76
5
82
3000
CWS-4815A3M-3K
36-72
15
200
76
5
82
3000
CWD-4805A3M-3K
36-72
+/-5
+/-300
82
5
76
3000
CWD-4812A3M-3K
36-72
+/-12
+/-125
80
5
78
3000
CWD-4815A3M-3K
36-72
+/-15
+/-100
79
5
79
3000
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWS-1205A3M-3K (A PACKAGE 3W SINGLE OUTPUT)
CWD-2405A3M-3K (A PACKAGE 3W DUAL OUTPUT)
23 NOMINAL INPUT VOLTAGE.
24 NOMINAL INPUT VOLTAGE, FULL LOAD.
25 FOR 3 SECONDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com