Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  CW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
1
FEATURES
3W TO 6W DIL & SMD PACKAGE
4.5-9V,9-18V,18-36V,36-72V,9-36V,18-72V
WIDE INPUT RANGE
100% BURN IN
HIGH EFFICIENCY
UL94-V0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
Input Voltage Range
2:1 or 4:1 Input Range
Single/Dual
+/-2% max. Input Filter
Pi Network
Out1
+/-2% max. Protection
Fuse Recommended
Dual Separate
Out2
+/-5% max. Remote ON/OFF Control
Table 1
Out1
+/-2% max. GENERAL SPECIFICATIONS
Triple
Out2/Out3
+/-5% max. Efficiency
70% min.
Temperature Coefficient
+/-0.05%/°C Isolation Voltage
1
Ripple & Noise(20MHz BW)
2
100mVp-p max.
Single/Dual/Triple
1500VDC or 3000VDC min.
Line Regulation
3
Dual Separate
In to Out
1500VDC min.
Single/Dual
+/-1% max.
Out1 to Out2
500VDC min.
Out1
+/-1% max. Isolation Resistance
10
9
ohms min.
Dual Separate
Out2
+/-3% max. Isolation Capacitance
40pF max.
Out1
+/-1% max. Switching Frequency
50KHz min.
Triple
Out2/Out3
+/-3% max. MTBF
4
>900,000 Hours
Load Regulation
5
Weight
17.5g Typ.
Single/Dual
+/-0.5% max. Case Material
Five-Side Shielded Case
Output
3.3V
+/-1% max. Case Size(DIL)
31.8mm*20.3mm*12.2mm
Dual Separate
Out1
+/-1% max. Case Size(SMD)
31.8mm*20.3mm*11.4mm
Out2
+/-5% max. Potting Material(DIL)
Epoxy(UL94-V0)
Triple
Out1
+/-1% max. Potting Material(SMD)
Non potting
Out2/Out3
+/-5% max. Conducted Emissions
EN55022 Class A
Minimum Load
20% of Full Load Radiated Emissions
EN55022 Class B
Short Circuit Protection
Continuous ENVIRONMENTAL SPECIFICATIONS
Short Circuit Restart
Automatic Operating Temperature
-40°C to +71°C
Over Load Protection
3W~6W
110%~180% Storage Temperature
-55°C to +125°C
Transient Response
6
200uS max. Case Temperature
+95°C max.
Humidity
95% max.
Cooling
Free-Air Convection
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25 °C UNLESS OTHERWISE NOTED.
1 1500VDC for 10 seconds,2000VDC~3000VDC for 3 seconds.
2
Measured with 1uF ceramic capacitor connect to the output pins.
3 High Line to Low Line.
4 MIL-HDBK-217F @25 °C , Ground Benign.
5 Load Regulation is for output load current change from 20% to 100%.
6 25% Step Load Change.
CW SERIES
3W-6W WIDE INPUT RANGE


Similar Description - CW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
DIWELL Electronics Co.,...
CMW DIWELL-CMW Datasheet
420Kb / 7P
3W-6W WIDE INPUT RANGE
2020/05/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com