Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  CW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
3
SELECTION GUIDE(2)
4:1 3W OUTPUT 1500VDC ISOLATION
INPUT
9
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
10
ISOLATION
(VDC)
CWS-1203.3(ABC)3TM
9-36
3.3
700
283
20
68
1500
CWS-1205(ABC)3TM
9-36
5
600
347
18
72
1500
CWS-1212(ABC)3TM
9-36
12
250
321
18
78
1500
CWS-1215(ABC)3TM
9-36
15
200
321
18
78
1500
CWS-1224(ABC)3TM
9-36
24
125
321
20
78
1500
CWD-1205(ABC)3TM
9-36
+/-5
+/-300
352
18
71
1500
CWD-1212(ABC)3TM
9-36
+/-12
+/-125
320
18
78
1500
CWD-1215(ABC)3TM
9-36
+/-15
+/-100
320
18
78
1500
CWS-2403.3(ABC)3TM
18-72
3.3
700
136
10
71
1500
CWS-2405(ABC)3TM
18-72
5
600
169
10
74
1500
CWS-2412(ABC)3TM
18-72
12
250
160
10
78
1500
CWS-2415(ABC)3TM
18-72
15
200
156
10
80
1500
CWS-2424(ABC)3TM
18-72
24
125
160
10
78
1500
CWD-2405(ABC)3TM
18-72
+/-5
+/-300
169
10
74
1500
CWD-2409(ABC)3TM
18-72
+/-9
+/-167
158
10
79
1500
CWD-2412(ABC)3TM
18-72
+/-12
+/-125
160
10
78
1500
CWD-2415(ABC)3TM
18-72
+/-15
+/-100
160
15
78
1500
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWS-1205A3TM (A PACKAGE 3W SINGLE OUTPUT)
CWD-2405B3TM (B PACKAGE 3W DUAL OUTPUT)
9
NOMINAL INPUT VOLTAGE.
10 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com