Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2113 Datasheet (PDF) - Diodes Incorporated

AP2113 Datasheet PDF - Diodes Incorporated
Part # AP2113
Download  AP2113 Download
File Size   585.83 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.6x Linear DC Fan Driver with VOUT Fully on Control

AP2113 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2113 Datasheet PDF - Diodes Incorporated

Part # AP2113
Download  AP2113 Click to download

File Size   585.83 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.6x Linear DC Fan Driver with VOUT Fully on Control

AP2113 Datasheet (HTML) - Diodes Incorporated


AP2113 Product details

Features
• Output Voltage in Adjustable Mode Follows 1.6
Times of VSET (VOUT/VSET=1.6±3%)
• Low Quiescent Current: 70μA (Typ)
• Guarantee 0.6A Continuous Load
• Switchable Adjustable Mode/Full Speed Mode
• Over Current Protection
• Short Current Protection with Fold-back
Limitation: 50mA
• Low Dropout Voltage:
150mV @ 600mA (Typ) at Full Speed Mode
200mV @ 600mA (Typ) at Adjustable Mode
• OTSD Protection
• Stable with 1.0μF Flexible Caps: Ceramic,
Tantalum and Aluminum Electrolytic
• Operation Temperature Range: -40°C to 85°C
• ESD: MM 300V, HBM 6000V

Applications
• Notebook Computer Fan Driver
• Motherboards
• Peripheral Cards




Similar Part No. - AP2113

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2113 BCDSEMI-AP2113 Datasheet
586Kb / 13P
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
AP2113AM-G1 BCDSEMI-AP2113AM-G1 Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
AP2113AMTR-G1 BCDSEMI-AP2113AMTR-G1 Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
AP2113KTR-G1 BCDSEMI-AP2113KTR-G1 Datasheet
586Kb / 13P
1.6x Linear DC Fan Driver with VOUT Fully on Control
More results


Similar Description - AP2113

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18115 UTC-LR18115 Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
BCD Semiconductor Manuf...
AP2113 BCDSEMI-AP2113 Datasheet
586Kb / 13P
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
logo
Advanced Power Electron...
APE8873 A-POWER-APE8873 Datasheet
242Kb / 5P
1.6X LINEAR REGULATOR FOR DC FAN DRIVER CONTROL
APE8875 A-POWER-APE8875 Datasheet
348Kb / 9P
1.6X LINEAR REGULATOR FOR DC FAN DRIVER
APE8876 A-POWER-APE8876 Datasheet
453Kb / 10P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Global Mixed-mode Techn...
G996 GMT-G996 Datasheet
153Kb / 1P
1.6X Linear Fan Driver
G991 GMT-G991 Datasheet
62Kb / 2P
1.6X Linear Fan Driver with VO Fully On Control
G990 GMT-G990 Datasheet
61Kb / 2P
1.6X Linear Fan Driver
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
Linear Fan Control Driver IC
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com