Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2113 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2113
Description  1.6x Linear DC Fan Driver with VOUT Fully on Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2113 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2113 Datasheet HTML 3Page - Diodes Incorporated AP2113 Datasheet HTML 4Page - Diodes Incorporated AP2113 Datasheet HTML 5Page - Diodes Incorporated AP2113 Datasheet HTML 6Page - Diodes Incorporated AP2113 Datasheet HTML 7Page - Diodes Incorporated AP2113 Datasheet HTML 8Page - Diodes Incorporated AP2113 Datasheet HTML 9Page - Diodes Incorporated AP2113 Datasheet HTML 10Page - Diodes Incorporated AP2113 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary Datasheet
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113
Mar. 2012 Rev 1. 3
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
Figure 7. Output Voltage vs. VSET Voltage
Figure 4. Supply Current vs. Input Voltage
Figure 5. Supply Current vs. Input Voltage
-40
-20
0
20
40
60
80
100
45
50
55
60
65
70
75
80
85
90
95
100
Continuous Airflow 10scfm
Full Speed Mode
Adjustable Mode
Temperature (
OC)
V
IN
=5V
I
OUT
=0A
Figure 6. Supply Current vs. Temperature
1.0
1.5
2.0
2.5
3.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Continuous Airflow 10scfm
V
IN
=5V
I
OUT
=10mA
V
SET
Voltage (V)
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.02
0.04
0.06
0.08
0.10
Continuous Airflow 10scfm
Input Voltage (V)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
V
FON
=5V
V
SET
=2V
I
OUT
=0mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.02
0.04
0.06
0.08
0.10
Continuous Airflow 10scfm
Input Voltage (V)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
V
FON
=0V
I
OUT
=0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com