Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2113 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2113
Description  1.6x Linear DC Fan Driver with VOUT Fully on Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2113 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2113 Datasheet HTML 1Page - Diodes Incorporated AP2113 Datasheet HTML 2Page - Diodes Incorporated AP2113 Datasheet HTML 3Page - Diodes Incorporated AP2113 Datasheet HTML 4Page - Diodes Incorporated AP2113 Datasheet HTML 5Page - Diodes Incorporated AP2113 Datasheet HTML 6Page - Diodes Incorporated AP2113 Datasheet HTML 7Page - Diodes Incorporated AP2113 Datasheet HTML 8Page - Diodes Incorporated AP2113 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary Datasheet
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113
Mar. 2012 Rev 1. 3
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2113 is a low dropout high performance linear
regulator which is specially designed to drive a DC
fan, the regulator delivers output current 600mA in
minimum.
The AP2113 provides low quiescent current
consumption 70
µA, over current limit protection and
load short current protection with fold-back limitation
50mA, which are ideal for battery powered system
application.
The AP2113 output voltage (VOUT) follows 1.6 times
of VSET input voltage until it reaches VIN voltage
minus dropout voltage (VDROP) at adjustable mode
(set FON
________
pin logic high). The VSET voltage must be
larger than 1.0V to guarantee VOUT 1.6 times of VSET.
An FON
________
pin turns VOUT fully on when set logic low.
The AP2113 is available in standard SOIC-8 and
SOT-23-5 packages.
Features
•
Output Voltage in Adjustable Mode Follows 1.6
Times of VSET (VOUT/VSET=1.6±3%)
•
Low Quiescent Current: 70
µA (Typ)
•
Guarantee 0.6A Continuous Load
•
Switchable Adjustable Mode/Full Speed Mode
•
Over Current Protection
•
Short Current
Protection
with Fold-back
Limitation: 50mA
•
Low Dropout Voltage:
150mV @ 600mA (Typ) at Full Speed Mode
200mV @ 600mA (Typ) at Adjustable Mode
•
OTSD Protection
•
Stable with 1.0
µF Flexible Caps: Ceramic,
Tantalum and Aluminum Electrolytic
•
Operation Temperature Range: -40°C to 85°C
•
ESD: MM 300V, HBM 6000V
Applications
•
Notebook Computer Fan Driver
•
Motherboards
•
Peripheral Cards
SOIC-8
SOT-23-5
Figure 1. Package Type of AP2113


Similar Part No. - AP2113

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2113 BCDSEMI-AP2113 Datasheet
586Kb / 13P
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
AP2113AM-G1 BCDSEMI-AP2113AM-G1 Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
AP2113AMTR-G1 BCDSEMI-AP2113AMTR-G1 Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
AP2113KTR-G1 BCDSEMI-AP2113KTR-G1 Datasheet
586Kb / 13P
1.6x Linear DC Fan Driver with VOUT Fully on Control
More results

Similar Description - AP2113

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18115 UTC-LR18115 Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
BCD Semiconductor Manuf...
AP2113 BCDSEMI-AP2113 Datasheet
586Kb / 13P
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
logo
Advanced Power Electron...
APE8873 A-POWER-APE8873 Datasheet
242Kb / 5P
1.6X LINEAR REGULATOR FOR DC FAN DRIVER CONTROL
APE8875 A-POWER-APE8875 Datasheet
348Kb / 9P
1.6X LINEAR REGULATOR FOR DC FAN DRIVER
APE8876 A-POWER-APE8876 Datasheet
453Kb / 10P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Global Mixed-mode Techn...
G996 GMT-G996 Datasheet
153Kb / 1P
1.6X Linear Fan Driver
G991 GMT-G991 Datasheet
62Kb / 2P
1.6X Linear Fan Driver with VO Fully On Control
G990 GMT-G990 Datasheet
61Kb / 2P
1.6X Linear Fan Driver
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
Linear Fan Control Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com