Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2113 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2113
Description  1.6x Linear DC Fan Driver with VOUT Fully on Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2113 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2113 Datasheet HTML 4Page - Diodes Incorporated AP2113 Datasheet HTML 5Page - Diodes Incorporated AP2113 Datasheet HTML 6Page - Diodes Incorporated AP2113 Datasheet HTML 7Page - Diodes Incorporated AP2113 Datasheet HTML 8Page - Diodes Incorporated AP2113 Datasheet HTML 9Page - Diodes Incorporated AP2113 Datasheet HTML 10Page - Diodes Incorporated AP2113 Datasheet HTML 11Page - Diodes Incorporated AP2113 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preliminary Datasheet
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113
Mar. 2012 Rev 1. 3
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
Figure 10. FON
________
Logic Low Level vs. Input Voltage
Figure 11. FON
________
Logic High Level vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Continuous Airflow 10scfm
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
Output Current (A)
Full Speed Mode
Figure 8. Output Voltage vs. Output Current
Figure 9. Dropout Voltage vs. Output Current
123
456
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Continuous Airflow 10scfm
I
OUT
=0mA
Input Voltage (V)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
123456
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Continuous Airflow 10scfm
I
OUT
=0mA
Input Voltage (V)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Continuous Airflow 10scfm
V
IN
=5V, V
FON
=5V
C
IN
=C
OUT
=1µF
Output Current (A)
T
C
=25
oC
V
SET
=1.5V
V
SET
=2.0V
V
SET
=2.5V
V
SET
=3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com