Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2113 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2113
Description  1.6x Linear DC Fan Driver with VOUT Fully on Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2113 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2113 Datasheet HTML 2Page - Diodes Incorporated AP2113 Datasheet HTML 3Page - Diodes Incorporated AP2113 Datasheet HTML 4Page - Diodes Incorporated AP2113 Datasheet HTML 5Page - Diodes Incorporated AP2113 Datasheet HTML 6Page - Diodes Incorporated AP2113 Datasheet HTML 7Page - Diodes Incorporated AP2113 Datasheet HTML 8Page - Diodes Incorporated AP2113 Datasheet HTML 9Page - Diodes Incorporated AP2113 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Preliminary Datasheet
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113
Mar. 2012 Rev 1. 3
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
VIN=5.0V, VSET=2V, CIN=1µF, COUT=1µF, Typical TA=25°C, Bold typeface applies over full temperature
range, -40°C≤TA≤85°C ranges, unless otherwise specified.
Parameter
Symbol
Conditions
Min Typ Max Unit
70
100
µA
Quiescent Current
IQ
45
µA
Output Current
IOUT
VIN=5.0V, VOUT=3.2V
600
mA
Output Voltage/
VSET Voltage
VOUT/VSET
VIN=5.5V, VSET=1V to 3.2V,
IOUT=30mA
1.552
1.6
1.648
V/V
Line Regulation
(V
△ OUT/VOUT)
△
VIN
VIN=VOUT+1V to 5.5V, IOUT=30mA
0.02
0.1
%/V
Load Regulation
(V
△ OUT/VOUT)
△
IOUT
1mA ≤ IOUT ≤600mA
0.2
1
%/A
150
200
mV
Dropout Voltage
VDROP
200
250
mV
Minimum VSET Voltage
VSET
1
V
VSET Pin Current
ISET
VSET=5V
1
µA
Fold-back Short Current
ISHORT
VOUT=0V
50
mA
Output Current Limit
ILIMIT
1000
mA
FON
________
Logic Input High
Level
1.6
5.5
V
FON
________
Logic Input Low
Level
0
0.4
V
FON
________
Pin Bias Current
1.5
10
µA
Thermal
Shutdown
Temperature
TOTSD
165
Thermal
Shutdown
Hysteresis
THYOTSD
25
°C
VFON=0V
VFON=5V, No Load
VFON=0V , IOUT=600mA
VIN=5V, VSET=2V,
VFON=5V , IOUT=600mA
VIN=5V, VSET=2V,
VFON=0V, No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com