Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2113 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2113
Description  1.6x Linear DC Fan Driver with VOUT Fully on Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2113 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2113 Datasheet HTML 1Page - Diodes Incorporated AP2113 Datasheet HTML 2Page - Diodes Incorporated AP2113 Datasheet HTML 3Page - Diodes Incorporated AP2113 Datasheet HTML 4Page - Diodes Incorporated AP2113 Datasheet HTML 5Page - Diodes Incorporated AP2113 Datasheet HTML 6Page - Diodes Incorporated AP2113 Datasheet HTML 7Page - Diodes Incorporated AP2113 Datasheet HTML 8Page - Diodes Incorporated AP2113 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary Datasheet
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113
Mar. 2012 Rev 1. 3
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
6.0
V
VSET Input Voltage
VSET
5.5
V
FON
________
Input Voltage
5.5
V
Operating
Junction
Temperature
Range
TJ
150
ºC
Storage Temperature Range
TSTG
-65 to 150
ºC
Thermal Resistance (Junction to
Ambient)(No Heat Sink)
θJA
SOIC-8
144
°C/W
ESD (Machine Model)
300
V
ESD (Human Body Model)
6000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.5
5.5
V
Operating
Ambient
Temperature
Range
TA
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com