Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet (PDF) - Renesas Technology Corp

RYZ024A Datasheet PDF - Renesas Technology Corp
Part # RYZ024A
Download  RYZ024A Download
File Size   1071.03 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LTE Category M1 Module

RYZ024A Datasheet (PDF)

Go To PDF Page Download Datasheet
RYZ024A Datasheet PDF - Renesas Technology Corp

Part # RYZ024A
Download  RYZ024A Click to download

File Size   1071.03 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LTE Category M1 Module

RYZ024A Datasheet (HTML) - Renesas Technology Corp


RYZ024A Product details

Description
The Renesas RYZ024A is an LTE Cat M1/NB1/NB2 module based on Renesas’ second generation Sequans
chip platform. RYZ024A is a total module solution, including a complete, Single-SKU™ RF front end capable
of operating on every GSM band worldwide, and an integrated EAL5+ Secure Element (SE) capable of
hosting the SIM inside the module with zero compromise on security while lowering cost and reducing
complexity.
The LTE frequency bands supported by RYZ024A are B1 (2100), B2 (1900 PCS), B3 (1800+), B4 (AWS-1),
B5 (850), B8 (900 GSM), B12 (700 a), B13 (700 c), B14 (700 PS), B17 (700 b), B18 (800 Lower), B19 (800
Upper), B20 (800 DD), B25 (1900+), B26 (850+), B28 (700 APT), B66 (AWS-3), B71 (600), B85 (700 a+).

Table 1. General Features
Feature Functional description
Physical
Characteristics
LGA module, 120 pads
Size: 16.3 mm x 17 mm x 1.85 mm
Temperature Range Operation temperature range: -40°C to +85 °C Storage: MSL3
Power Supply Voltage range for RF compliance: 2.5 V to 5.5 V. Functional voltage range: 2.2 V
to 5.5 V
Tx Power +23 dBm for each band
Interfaces Dual (U) SIM Card Interface: support for external, removable or fixed UICC.
Support for integrated UICC (iUICC) with a dedicated p/n;
4x High-Speed UART Interfaces with flow control, up to 921600 bauds;
GPIOs, I2C, SPI, PWM, Pulse Counter, I2S/PCM, ADC;
SMS Text and PDU modes
Firmware Upgrade UART interface, FOTA, support of full and differential firmware upgrade
RoHS All hardware components are fully compliant with EU RoHS directive, brominefree




Similar Part No. - RYZ024A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
RYZ014A RENESAS-RYZ014A Datasheet
1Mb / 34P
LTE Category M1 Module
Mar.09.23
More results


Similar Description - RYZ024A

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB2 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
LTE Cat M1/Cat NB2/EGPRS Module
logo
Pulse A Technitrol Comp...
LTE-M PULSE-LTE-M Datasheet
788Kb / 5P
LTE Cat M1 Antennas
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Advantech Co., Ltd.
WISE-4773-S51U ADVANTECH-WISE-4773-S51U Datasheet
209Kb / 2P
Intelligent Cellular LTE OBD Data Interface – GPS, Category M1
22-Mar-2021
logo
Renesas Technology Corp
RYZ014A RENESAS-RYZ014A Datasheet
1Mb / 34P
LTE Category M1 Module
Mar.09.23
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com