Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 1 Page - Renesas Technology Corp

  RYZ024A Datasheet HTML 1Page - Renesas Technology Corp RYZ024A Datasheet HTML 2Page - Renesas Technology Corp RYZ024A Datasheet HTML 3Page - Renesas Technology Corp RYZ024A Datasheet HTML 4Page - Renesas Technology Corp RYZ024A Datasheet HTML 5Page - Renesas Technology Corp RYZ024A Datasheet HTML 6Page - Renesas Technology Corp RYZ024A Datasheet HTML 7Page - Renesas Technology Corp RYZ024A Datasheet HTML 8Page - Renesas Technology Corp RYZ024A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
R19DS0115EU0101 Rev.1.01
Page 1 of 38
Nov.14.22
Datasheet
RYZ024A
LTE Category M1 Module
Description
The Renesas RYZ024A is an LTE Cat M1/NB1/NB2 module based on Renesas’ second generation Sequans
chip platform. RYZ024A is a total module solution, including a complete, Single-SKU™ RF front end capable
of operating on every GSM band worldwide, and an integrated EAL5+ Secure Element (SE) capable of
hosting the SIM inside the module with zero compromise on security while lowering cost and reducing
complexity.
The LTE frequency bands supported by RYZ024A are B1 (2100), B2 (1900 PCS), B3 (1800+), B4 (AWS-1),
B5 (850), B8 (900 GSM), B12 (700 a), B13 (700 c), B14 (700 PS), B17 (700 b), B18 (800 Lower), B19 (800
Upper), B20 (800 DD), B25 (1900+), B26 (850+), B28 (700 APT), B66 (AWS-3), B71 (600), B85 (700 a+).
Applications
RYZ024A is ideal for adding LTE-M and/or NB-IoT LTE connectivity to narrowband, low data rate M2M and
IoT devices such as utility meters, industrial sensors, health and fitness appliances, asset trackers, and
many additional devices in smart home, smart city, and wearable applications.
RYZ024A can be used by applications as slim modem controlled by an external MCU via UART.
Figure 1. RYZ024A Block Diagram
Table 1.
General Features
Feature
Functional description
Physical
Characteristics
LGA module, 120 pads
Size: 16.3 mm x 17 mm x 1.85 mm
Temperature Range
Operation temperature range: -40°C to +85 °C Storage: MSL3
Power Supply
Voltage range for RF compliance: 2.5 V to 5.5 V. Functional voltage range: 2.2 V
to 5.5 V
Tx Power
+23 dBm for each band
Interfaces
Dual (U) SIM Card Interface: support for external, removable or fixed UICC.
Support for integrated UICC (iUICC) with a dedicated p/n;
4x High-Speed UART Interfaces with flow control, up to 921600 bauds;
GPIOs, I2C, SPI, PWM, Pulse Counter, I2S/PCM, ADC;
SMS
Text and PDU modes
Firmware Upgrade
UART interface, FOTA, support of full and differential firmware upgrade
RoHS
All hardware components are fully compliant with EU RoHS directive, bromine-
free
RYZ024A
RYZ024A
SQN3430


Similar Part No. - RYZ024A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
RYZ014A RENESAS-RYZ014A Datasheet
1Mb / 34P
LTE Category M1 Module
Mar.09.23
More results

Similar Description - RYZ024A

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB2 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
LTE Cat M1/Cat NB2/EGPRS Module
logo
Pulse A Technitrol Comp...
LTE-M PULSE-LTE-M Datasheet
788Kb / 5P
LTE Cat M1 Antennas
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Advantech Co., Ltd.
WISE-4773-S51U ADVANTECH-WISE-4773-S51U Datasheet
209Kb / 2P
Intelligent Cellular LTE OBD Data Interface – GPS, Category M1
22-Mar-2021
logo
Renesas Technology Corp
RYZ014A RENESAS-RYZ014A Datasheet
1Mb / 34P
LTE Category M1 Module
Mar.09.23
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
LTE CAT M1 Module
Revision 1.2 5/4/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com