Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 3Page - Renesas Technology Corp RYZ024A Datasheet HTML 4Page - Renesas Technology Corp RYZ024A Datasheet HTML 5Page - Renesas Technology Corp RYZ024A Datasheet HTML 6Page - Renesas Technology Corp RYZ024A Datasheet HTML 7Page - Renesas Technology Corp RYZ024A Datasheet HTML 8Page - Renesas Technology Corp RYZ024A Datasheet HTML 9Page - Renesas Technology Corp RYZ024A Datasheet HTML 10Page - Renesas Technology Corp RYZ024A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 7 of 38
Nov.14.22
GPIO
There is a total of 33 GPIOs available on RYZ024A: 28 named GPIO1 to GPIO28 and 5 named GPIO31 to
GPIO35. The GPIOs listed in Table 8 are not enabled by default. Changing their state can be done by
software.
Table 8.
GPIOs Disabled by Default
GPIO Range
Enable State by Default
GPIO3 to GPIO11
Disabled
GPIO17 to GPIO28
Disabled
GPIO31 to GPIO32
Disabled
The GPIOs are documented throughout this datasheet based on their shared or assigned function. In
addition to the GPIO there are 5 wake signals available (documented in Section 2.8 Other Signals on page
16).
Other Signals
Note: See section Power for behavior of IOs in Deep Sleep mode.
Table 9.
GND and DNC Pads
Pads Type
Pads Number
GND
1, 6, 37, 38, 50, 51, 52, 54, 56, 58, 59, 61, 64, 65, 71, 78, 79, 80, 81, 82, 83, 84, 85, 86, 87,
88, 89, 91, 92, 93
DNC
(Reserved)
15, 17, 53, 74, 75, 76, 77, 94
Table 10.
Other Signals (No Interface)
Pad
#
Pad Name
Primary Function
Alternate
Function
Power
Group
Direction
Pad
Type
State
at
reset
72
ADC1
ADC1
(See Note 1)
N/A
N/A
In
IN
N/A
Analog Digital Converter (ADC, IN)
12
GPIO1/
STATUS_LED
STATUS_LED
GPIO1
PVDD_1V8
In/Out
BIDIR
HighZ,
2 mA
Primary Function: Status LED (STATUS_LED, OUT)
13
GPIO2/
PS_STATUS
PS_STATUS
GPIO2
PVDD_1V8
In/Out
BIDIR
HighZ,
2 mA
Primary Function: Power Saving status (PS_STATUS, OUT) enabled by default.
Active high.
14
GPIO28/
DTR0
GPIO28
(See Note 1)
DTR0
PVDD_1V8
In/Out
BIDIR
HighZ
19
GPIO31/
PWM0/
GPIO31
(See Note 1)
PWM0/
PULSE0/
PVDD_1V8
In/Out
BIDIR
HighZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com