Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ024A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 28Page - Renesas Technology Corp RYZ024A Datasheet HTML 29Page - Renesas Technology Corp RYZ024A Datasheet HTML 30Page - Renesas Technology Corp RYZ024A Datasheet HTML 31Page - Renesas Technology Corp RYZ024A Datasheet HTML 32Page - Renesas Technology Corp RYZ024A Datasheet HTML 33Page - Renesas Technology Corp RYZ024A Datasheet HTML 34Page - Renesas Technology Corp RYZ024A Datasheet HTML 35Page - Renesas Technology Corp RYZ024A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 32 of 38
Nov.14.22
Function
Enabled
Function
Disabled
Pad
#
Pad
Name
Primary
Function
Alternate
Function
Power
Group
Direction
capability
Direction
set after
boot up
Pad
type
State
@reset
State @
deep-
sleep
State
@sleep
State
@standby
State
@active
Active
Logical
Level
Configur
-able by
AT+SQN
HWCFG
Is
internal
Pull-up
or Pull-
down
set ?
PCM_
TXD
SPI
3
GPIO
7/
SPI_
SDI
GPIO7
SPI_SDI
PVDD
_1V8
In/Out
In
BIDIR
HighZ
HighZ
HighZ
HighZ
HighZ
High
Yes
4
GPIO
8/
SPI_
SDO
GPIO8
SPI_SDO
PVDD
_1V8
In/Out
In
BIDIR
HighZ
HighZ
HighZ
HighZ
HighZ
High
Yes
2
GPIO
9/
SPI_
CLK
GPIO9
SPI_CLK
PVDD
_1V8
In/Out
In
BIDIR
HighZ
HighZ
HighZ
HighZ
HighZ
High
Yes
5
GPIO
10/
SPI_
CSN1
GPIO10
SPI_CSN
1
PVDD
_1V8
In/Out
In
BIDIR
HighZ
HighZ
HighZ
HighZ
HighZ
High
Yes
7
GPIO
11/
SPI_
CSN2
GPIO11
SPI_CSN
2
PVDD
_1V8
In/Out
In
BIDIR
HighZ
HighZ
HighZ
HighZ
HighZ
High
Yes
Other
72
ADC1
ADC1
Analog
Digital
Converte
r (ADC,
IN)
N/A
N/A
In
IN
N/A
HighZ
HighZ
HighZ
HighZ
12
GPIO
1/
STAT
US_L
ED
STATUS
_LED
Primary
Function:
Status
LED
(STATUS
GPIO1
PVDD
_1V8
In/Out
Out
BIDIR
HighZ,
2mA
HighZ
HighZ
HighZ
HighZ
High
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com